Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 70Page - STMicroelectronics SPC560P34L1 Datasheet HTML 71Page - STMicroelectronics SPC560P34L1 Datasheet HTML 72Page - STMicroelectronics SPC560P34L1 Datasheet HTML 73Page - STMicroelectronics SPC560P34L1 Datasheet HTML 74Page - STMicroelectronics SPC560P34L1 Datasheet HTML 75Page - STMicroelectronics SPC560P34L1 Datasheet HTML 76Page - STMicroelectronics SPC560P34L1 Datasheet HTML 77Page - STMicroelectronics SPC560P34L1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
Electrical characteristics
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
74/103
Doc ID 16100 Rev 7
3.15
Flash memory electrical characteristics
3.15.1
Program/Erase characteristics
4.
During the sampling time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within ts. After the end of the
sampling time ts, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock
ts depend on programming.
5.
This parameter includes the sampling time ts.
6.
20 MHz ADC clock. Specific prescaler is programmed on MC_PLL_CLK to provide 20 MHz clock to the ADC.
7.
See Figure 16.
Table 31.
Program and erase specifications
Symbol
C
Parameter
Value
Unit
Min
Typ(1)
Initial
Max(2)
Max(3)
Twprogram
P Word Program Time for data flash memory(4)
—
30
70
500
µs
Tdwprogram P Double Word Program Time for code flash memory
(4)
—
22
50
500
µs
TBKPRG
P Bank Program (256 KB)(4)(5)
—
0.73
0.83
17.5
s
P Bank Program (64 KB)(4)(5)
—0.49
1.2
4.1
s
T16kpperase P
16 KB Block Pre-program and Erase Time for code
flash memory
—
300
500
5000
ms
16 KB Block Pre-program and Erase Time for data
flash memory
—
700
800
5000
T32kpperase P 32 KB Block Pre-program and Erase Time
—
400
600
5000
ms
T128kpperase P 128 KB Block Pre-program and Erase Time
—
800
1300
7500
ms
tESRT
P Program and erase specifications(6)
10
—
—
—
ms
1.
Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to change
pending device characterization.
2.
Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
3.
The maximum program and erase times occur after the specified number of program/erase cycles. These maximum values
are characterized but not guaranteed.
4.
Actual hardware programming times. This does not include software overhead.
5.
Typical Bank programming time assumes that all cells are programmed in a single pulse. In reality some cells will require
more than one pulse, adding a small overhead to total bank programming time (see “Initial Max” column).
6.
Time between erase suspend resume and next erase suspend request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com