Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 52Page - STMicroelectronics SPC560P34L1 Datasheet HTML 53Page - STMicroelectronics SPC560P34L1 Datasheet HTML 54Page - STMicroelectronics SPC560P34L1 Datasheet HTML 55Page - STMicroelectronics SPC560P34L1 Datasheet HTML 56Page - STMicroelectronics SPC560P34L1 Datasheet HTML 57Page - STMicroelectronics SPC560P34L1 Datasheet HTML 58Page - STMicroelectronics SPC560P34L1 Datasheet HTML 59Page - STMicroelectronics SPC560P34L1 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
Electrical characteristics
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
56/103
Doc ID 16100 Rev 7
BC817
Infineon
BC817-16; BC817-25; BC817SU
NXP
BC817-16; BC817-25
BCP56
ST
BCP56-16
Infineon
BCP56-10; BCP56-16
ON Semi
BCP56-10
NXP
BCP56-10; BCP56-16
1.
For automotive applications please check with the appropriate transistor vendor for automotive grade certification
Table 15.
Approved NPN ballast components
Part
Manufacturer
Approved derivatives(1)
Table 16.
Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD_LV_REGCOR
C
C
P
Output voltage under
maximum load run supply
current configuration
Post-trimming
1.15
—
1.32
V
CDEC1
S
R
—
External decoupling/stability
ceramic capacitor
BJT from Table 15. Three
capacitors (i.e. X7R or X8R
capacitors) with nominal
value of 10 µF
19.5
30
—
µF
BJT BC817, one capacitance
of 22 µF
14.3
22
—
µF
RREG
S
R
—
Resulting ESR of either one or
all three CDEC1
Absolute maximum value
between 100 kHz and
10 MHz
——
45
m
Ω
CDEC2
S
R
—
External decoupling/stability
ceramic capacitor
Four capacitances (i.e. X7R
or X8R capacitors) with
nominal value of 440 nF
120
0
176
0
—nF
CDEC3
S
R
—
External decoupling/stability
ceramic capacitor on
VDD_HV_REG
Three capacitors (i.e. X7R or
X8R capacitors) with nominal
value of 10 µF; CDEC3 has to
be equal or greater than
CDEC1
19.5
30
—
µF
LReg
S
R
—
Resulting ESL of VDD_HV_REG,
BCTRL and VDD_LV_CORx pins
——
—
5
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com