Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 98 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 94Page - STMicroelectronics SPC560P34L1 Datasheet HTML 95Page - STMicroelectronics SPC560P34L1 Datasheet HTML 96Page - STMicroelectronics SPC560P34L1 Datasheet HTML 97Page - STMicroelectronics SPC560P34L1 Datasheet HTML 98Page - STMicroelectronics SPC560P34L1 Datasheet HTML 99Page - STMicroelectronics SPC560P34L1 Datasheet HTML 100Page - STMicroelectronics SPC560P34L1 Datasheet HTML 101Page - STMicroelectronics SPC560P34L1 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 103 page
background image
Revision history
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
98/103
Doc ID 16100 Rev 7
Revision history
Table 45.
Document revision history
Date
Revision
Changes
01-Sep-2009
1
Initial release.
21-May-2010
2
Editorial updates
Updated the following items in the “SPC560P34/SPC560P40 device comparison”
table:
– The heading
– The “SRAM” row
– The “FlexCAN” row
– The “CTU” row
– The “FlexPWM” row
– The “LINFlex” row
– The “DSPI” row
– The “Nexus” row
Updated the “SPC560P34/SPC560P40 device configuration difference” table:
– Editorial updates
– Added the “CTU” row
– Deleted the “temperature” row
– Swapped the content of Airbag and Full Featured cells
Added the “Wakeup unit” block in the SPC560P34/SPC560P40 block diagram
Updated the “Absolute Maximum Ratings“ table
Updated the “Recommended operating conditions (5.0 V)“ table
Updated the “Recommended operating conditions (3.3 V)“ table
Updated the “Thermal characteristics for 100-pin LQFP“ table:
–
ΨJT: changed the typical value
Updated the “EMI testing specifications“ table: replaced all values in “Level (Max)“
column with TBD
Updated the “Electrical characteristics“ section:
– Added the “Introduction” section
– Added the “Parameter classification“ section
– Added the “NVUSRO register“ section
– Added the “Power supplies constraints (–0.3 V
≤ VDD_HV_IOx ≤ 6.0 V)” figure
– Added the “Independent ADC supply (–0.3 V
≤ VDD_HV_REG ≤ 6.0 V)“ figure
– Added the “Power supplies constraints (3.0 V
≤ VDD_HV_IOx ≤ 5.5 V)“ figure
– Added the “Independent ADC supply (3.0 V
≤ VDD_HV_REG ≤ 5.5 V)“ figure
Updated the “Power management electrical characteristics” section
Updated the “Power Up/Down sequencing” section
Updated the “DC electrical characteristics“ section
– Deleted the “NVUSRO register” section
– Updated the “DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)“ section:
– Deleted all rows concerning RESET
– Deleted “IVPP“ row
– Added the max value for CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com