Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P34L1 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPC560P34L1
Description  Programmable watchdog timer
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P34L1 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPC560P34L1 Datasheet HTML 71Page - STMicroelectronics SPC560P34L1 Datasheet HTML 72Page - STMicroelectronics SPC560P34L1 Datasheet HTML 73Page - STMicroelectronics SPC560P34L1 Datasheet HTML 74Page - STMicroelectronics SPC560P34L1 Datasheet HTML 75Page - STMicroelectronics SPC560P34L1 Datasheet HTML 76Page - STMicroelectronics SPC560P34L1 Datasheet HTML 77Page - STMicroelectronics SPC560P34L1 Datasheet HTML 78Page - STMicroelectronics SPC560P34L1 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
SPC560P34L1, SPC560P34L3, SPC560P40L1, SPC560P40L3
Electrical characteristics
Doc ID 16100 Rev 7
75/103
3.15.2
Flash memory power supply DC characteristics
Table 34 shows the power supply DC characteristics on external supply.
Table 32.
Flash memory module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
P/E
C
Number of program/erase cycles per
block for 16 KB blocks over the
operating temperature range (TJ)
—
100000
—
cycles
P/E
C
Number of program/erase cycles per
block for 32 KB blocks over the
operating temperature range (TJ)
—
10000
100000 cycles
P/E
C
Number of program/erase cycles per
block for 128 KB blocks over the
operating temperature range (TJ)
—
1000
100000 cycles
Retention C
Minimum data retention at 85 °C
average ambient temperature(1)
Blocks with 0–1000 P/E cycles
20
—
years
Blocks with 10000 P/E cycles
10
—
years
Blocks with 100000 P/E cycles
5
—
years
1.
Ambient temperature averaged over duration of application, not to exceed recommended product operating temperature
range.
Table 33.
Flash memory read access timing
Symbol
C
Parameter
Conditions(1)
Max value
Unit
fmax
C
Maximum working frequency for code flash memory at given
number of wait states in worst conditions
2 wait states
66
MHz
0 wait states
18
fmax
C
Maximum working frequency for data flash memory at given
number of wait states in worst conditions
8 wait states
66
MHz
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Table 34.
Flash memory power supply DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
IFLPW
C
C
D
Sum of the current consumption on VDD_HV_IOx
and VDD_LV_CORx during low-power mode
Code flash memory
—
—
900
µA
IFPWD
C
C
D
Sum of the current consumption on VDD_HV_IOx
and VDD_LV_CORx during power-down mode
Code flash memory
—
—
150
µA
Data flash memory
—
—
150
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com