Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 155Page - STMicroelectronics ST10F296 Datasheet HTML 156Page - STMicroelectronics ST10F296 Datasheet HTML 157Page - STMicroelectronics ST10F296 Datasheet HTML 158Page - STMicroelectronics ST10F296 Datasheet HTML 159Page - STMicroelectronics ST10F296 Datasheet HTML 160Page - STMicroelectronics ST10F296 Datasheet HTML 161Page - STMicroelectronics ST10F296 Datasheet HTML 162Page - STMicroelectronics ST10F296 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
159/346
13.9
Port 7
This is an 8-bit port. If it is used for general purpose I/O, the direction of each line can be
configured via the corresponding direction register DP7. Each port line can be switched into
push-pull or open-drain mode via the open-drain control register ODP7.
13.9.1
Port 7 registers
P7 register
DP7 register
P7 (FFD0h/E8h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
P7.7 P7.6 P7.5 P7.4 P7.3 P7.2 P7.1 P7.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 93.
P7 register description
Bit
Bit name
Function
7-0
P7.y
Port data register P7 bit y
DP7 (FFD2h/E9h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
DP7
.7
DP7
.6
DP7
.5
DP7
.4
DP7
.3
DP7
.2
DP7
.1
DP7
.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 94.
DP7 register description
Bit
Bit name
Function
7-0
DP7.y
Port direction register DP7 bit y
0: Port line P7.y is an input (high impedance)
1: Port line P7.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com