Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 157Page - STMicroelectronics ST10F296 Datasheet HTML 158Page - STMicroelectronics ST10F296 Datasheet HTML 159Page - STMicroelectronics ST10F296 Datasheet HTML 160Page - STMicroelectronics ST10F296 Datasheet HTML 161Page - STMicroelectronics ST10F296 Datasheet HTML 162Page - STMicroelectronics ST10F296 Datasheet HTML 163Page - STMicroelectronics ST10F296 Datasheet HTML 164Page - STMicroelectronics ST10F296 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
161/346
Figure 53.
Port 7 I/O and alternate functions
The structure of Port 7 differs from the other ports in the way the output latches are
connected to the internal bus and to the pin driver (see Figure 54 on page 161 and
Figure 55 on page 162).
Pins P7.3 to P7.0 (POUT3 to POUT0) XOR the alternate data output with the port latch
output. This allows alternate data to be used directly or inverted at the pin driver.
Pins P7.7 to P7.4 (CC31IO to CC28IO) combine internal bus data and alternate data output
before the port latch input.
Figure 54.
Block diagram of Port 7 pins 3 to 0
Port 7
Alternate function
General purpose input/output
P7.7
P7.6
P7.5
P7.4
P7.3
P7.2
P7.1
P7.0
-
-
-
-
-
-
-
-
CC31IO
CC30IO
CC29IO
CC28IO
POUT3
POUT2
POUT1
POUT0
-
-
-
-
-
-
-
-
Open-drain
latch
Write ODP7.y
Read ODP7.y
Direction
latch
Write DP7.y
Read DP7.y
MUX
0
1
Input
latch
Clock
P7.y/POUTy
Output
buffer
y = (3 to 0)
Port output
latch
Read P7.y
Write P7.y
=1
Port data
output
XOR
Alternate
data
output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com