Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 195Page - STMicroelectronics ST10F296 Datasheet HTML 196Page - STMicroelectronics ST10F296 Datasheet HTML 197Page - STMicroelectronics ST10F296 Datasheet HTML 198Page - STMicroelectronics ST10F296 Datasheet HTML 199Page - STMicroelectronics ST10F296 Datasheet HTML 200Page - STMicroelectronics ST10F296 Datasheet HTML 201Page - STMicroelectronics ST10F296 Datasheet HTML 202Page - STMicroelectronics ST10F296 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
CAN modules
199/346
17.6
Configuration of the CAN controller
In the C-CAN and in most CAN implementations, the bit timing configuration is programmed
in two register bytes. The sum of Prop_Seg and Phase_Seg1 (as TSeg1) is combined with
Phase_Seg2 (as TSeg2) in one byte, and SJW and BRP are combined in the second byte.
In these bit timing registers (CANxBTR), the four components TSeg1, TSeg2, SJW, and
BRP have to be programmed to a numerical value that is one less than its functional value.
Therefore, instead of values in the range of [1...n], values are programmed in the range
[0...n-1]. Consequently, SJW (functional range of [1...4]) is represented by only two bits.
The length of the bit time is [TSeg1 + TSeg2 + 3] tq (programmed values) or [Sync_Seg +
Prop_Seg + Phase_Seg1 + Phase_Seg2] tq (functional values).
The data in the bit timing registers are the configuration input of the CAN protocol controller.
The baud rate prescaler (configured by BRP) defines the length of the time quantum and the
basic time unit of the bit time. The bit timing logic (configured by TSeg1, TSeg2, and SJW)
defines the number of time quanta in the bit time.
Processing of the bit time, calculation of the position of the sample point, and occasional
synchronizations are controlled by the bit timing logic (BTL) state machine, which is
evaluated once each time quantum. The rest of the CAN protocol controller, the bit stream
processor (BSP) state machine, is evaluated once each bit time, at the sample point.
The shift register serializes the messages to be sent and parallelizes received messages. Its
loading and shifting is controlled by the BSP.
The BSP translates messages into frames and vice versa. It generates and discards the
enclosing fixed format bits, inserts and extracts stuff bits, calculates and checks the cyclic
redundancy check (CRC) code, performs the error management, and decides which type of
synchronization is to be used. It is evaluated at the sample point and processes the sampled
bus input bit. The time after the sample point that is needed to calculate the next bit to be
sent (for example, data bit, CRC bit, stuff bit, error flag, or idle) is called the information
processing time (IPT).
The IPT is application specific but may not be longer than 2 tq. The C-CAN’s IPT is 0 tq. Its
length is the lower limit of the programmed length of Phase_Seg2. In case of a
synchronization, Phase_Seg2 may be shortened to a value less than IPT, which does not
affect bus timing.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com