Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 200 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 196Page - STMicroelectronics ST10F296 Datasheet HTML 197Page - STMicroelectronics ST10F296 Datasheet HTML 198Page - STMicroelectronics ST10F296 Datasheet HTML 199Page - STMicroelectronics ST10F296 Datasheet HTML 200Page - STMicroelectronics ST10F296 Datasheet HTML 201Page - STMicroelectronics ST10F296 Datasheet HTML 202Page - STMicroelectronics ST10F296 Datasheet HTML 203Page - STMicroelectronics ST10F296 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CAN modules
ST10F296E
200/346
17.7
Calculation of the bit timing parameters
Usually, the calculation of the bit timing configuration starts with a desired bit rate or bit time.
The resulting bit time (1/ bit rate) must be an integer multiple of the system clock period.
The bit time may consist of four to 25 time quanta. The length of the time quantum, tq, is
defined by the baud rate prescaler, with tq = (baud rate prescaler) / fsys. Several
combinations may lead to the desired bit time, allowing iterations of the steps described
below.
The first part of the bit time to be defined is the Prop_Seg. Its length depends on the delay
times measured in the system. A maximum bus length as well as a maximum node delay
has to be defined for expandible CAN bus systems. The resulting time for Prop_Seg is
converted into time quanta (rounded to the nearest integer multiple of tq).
The Sync_Seg is 1 tq long (fixed), leaving (bit time – Prop_Seg – 1) tq for the two phase
buffer segments. If the number of the remaining tq is even, the phase buffer segments have
the same length:
Phase_Seg2
= Phase_Seg1
else:
Phase_Seg2
= Phase_Seg1 + 1.
The minimum nominal length of Phase_Seg2 has also to be considered. Phase_Seg2
should not be shorter than the CAN controller’s information processing time, which,
depending on the actual implementation, is in the range of [0...2] tq.
The length of the synchronization jump width is set to its maximum value, which is the
minimum of four times quanta and the value defined by the Phase_Seg1.
The oscillator tolerance range necessary for the resulting configuration is calculated by the
formulae given in Section 17.5: System clock tolerance range on page 196.
If more than one configuration is possible, the configuration allowing the highest oscillator or
PLL tolerance range should be chosen.
CAN nodes with different system clocks require different configurations to come to the same
bit rate. The calculation of the propagation time in the CAN network, based on the nodes
with the longest delay times, is made once for the whole network.
The CAN system’s oscillator (or PLL) tolerance range is limited by the node with the lowest
tolerance range.
The calculation may show that bus length or bit rate have to be decreased, or that the
oscillator frequency stability has to be increased to find a protocol compliant configuration of
the CAN bit timing.
The resulting configuration is written into the bit timing register:
(Phase_Seg2 - 1) &
(Phase_Seg1 + Prop_Seg - 1) &
(SynchronisationJumpWidth - 1) &
(Prescaler - 1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com