Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 213 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 209Page - STMicroelectronics ST10F296 Datasheet HTML 210Page - STMicroelectronics ST10F296 Datasheet HTML 211Page - STMicroelectronics ST10F296 Datasheet HTML 212Page - STMicroelectronics ST10F296 Datasheet HTML 213Page - STMicroelectronics ST10F296 Datasheet HTML 214Page - STMicroelectronics ST10F296 Datasheet HTML 215Page - STMicroelectronics ST10F296 Datasheet HTML 216Page - STMicroelectronics ST10F296 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Watchdog timer
213/346
If a bidirectional reset is enabled, and if the RSTIN pin is latched low at the end of an
internal reset sequence, a short hardware reset, a software reset or a watchdog reset
triggers a long hardware reset. Thus, reset indications flags are set to indicate a long
hardware reset.
The watchdog timer is 16-bits in length and is clocked with the system clock divided by 2 or
128. The high byte of the watchdog timer register can be set to a prespecified reload value
(stored in WDTREL).
Each time the high byte of the watchdog timer is serviced by the application software, it is
reloaded. For security reasons, the WDTCON register should be rewritten each time before
the watchdog timer is serviced
Table 129 and Table 130 show the watchdog time range for 40 MHz and 64 MHz CPU clock
respectively.
The watchdog timer period is calculated using the following formula:
Equation 21
Table 129.
WDTREL reload value (fCPU = 40 MHz)
Reload value in WDTREL
Prescaler for fCPU = 40 MHz
2 (WDTIN = 0)
128 (WDTIN = 1)
FFh
12.8 µs
819.2 µs
00h
3.277 ms
209.7 ms
Table 130.
WDTREL reload value (fCPU = 64 MHz)
Reload value in WDTREL
Prescaler for fCPU = 64 MHz
2 (WDTIN = 0)
128 (WDTIN = 1)
FFh
8 µs
512 µs
00h
2.048 ms
131.1 ms
P
WDT
1f
CPU
⁄
512
1
WDTIN
[] 63
×
+
()
256
WDTREL
[]
–
()
×
×
×
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com