Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 209 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 205Page - STMicroelectronics ST10F296 Datasheet HTML 206Page - STMicroelectronics ST10F296 Datasheet HTML 207Page - STMicroelectronics ST10F296 Datasheet HTML 208Page - STMicroelectronics ST10F296 Datasheet HTML 209Page - STMicroelectronics ST10F296 Datasheet HTML 210Page - STMicroelectronics ST10F296 Datasheet HTML 211Page - STMicroelectronics ST10F296 Datasheet HTML 212Page - STMicroelectronics ST10F296 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Real-time clock (RTC)
209/346
18.2
Programming the RTC
RTC interrupt request signals are connected to Port 2, pad 10 (RTCSI) and pad 11 (RTCAI).
An alternate function of Port 2 is to generate fast interrupts, firq[7:0]. To trigger firq[2] and
firq[3] the EXICON register must be used. RTC interrupt requests are rising edge active and
the EXICON register controls the external interrupt edge selection.
The EXISEL register enables Port 2 alternate sources. RTC interrupts are alternate sources
2 and 3.
The following Interrupt control registers are common with the CAPCOM1 unit: CC10IC
(RTCSI) and CC11IC (RTCAI).
EXICON register
EXISEL register
EXICON (F1C0h/E0h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3210
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES(1)(2)
1.
EXI2ES and EXI3ES must be configured as 01b because RTC interrupt request lines are rising edge
active.
2.
Alarm interrupt request line (RTCAI) is linked with EXI3ES
EXI2ES(1)(3)
3.
Timed interrupt request line (RTCSI) is linked with EXI2ES
EXI1ES
EXI0ES
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
EXISEL (F1DAh/EDh)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS(1)
1.
Alarm interrupt request (RTCAI) is linked with EXI3SS
EXI2SS(2)
2.
Timed interrupt request (RTCSI) is linked with EXI2SS
EXI1SS
EXI0SS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 125.
EXISEL register description
Bit
Bit name
Function
15-0
EXIxSS
External interrupt x source selection (x = 7 to 0)
00: Input from associated Port 2 pin
01: Input from ‘alternate source’(1)
10: Input from Port 2 pin ORed with ‘alternate source’(1)
11: Input from Port 2 pin ANDed with ‘alternate source’
1.
Advised configuration
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com