Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 202Page - STMicroelectronics ST10F296 Datasheet HTML 203Page - STMicroelectronics ST10F296 Datasheet HTML 204Page - STMicroelectronics ST10F296 Datasheet HTML 205Page - STMicroelectronics ST10F296 Datasheet HTML 206Page - STMicroelectronics ST10F296 Datasheet HTML 207Page - STMicroelectronics ST10F296 Datasheet HTML 208Page - STMicroelectronics ST10F296 Datasheet HTML 209Page - STMicroelectronics ST10F296 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Real-time clock (RTC)
ST10F296E
206/346
RTC prescaler registers (RTCPH and RTCPL)
The 20-bit programmable prescaler divider is loaded with two registers: The RTC prescaler
high (RTCPH) and RTC prescaler low (RTCPL).
The four most significant bits are stored in the RTCPH and the 16 least significant bits are
stored in the RTCPL.
To maintain the system clock, these registers are not reset. They are write protected by the
RTCOFF bit of the RTCCON register. Write operation is allowed when RTCOFF is set.
Note:
Bits 15 to 4 of the RTCPH are not used. When reading this register, the return value of these
bit is zero.
Figure 73.
Prescaler registers
The value stored in RTCPH and RTCPL is called RTCP (coded on 20-bit). The dividing ratio
of the prescaler divider is: 64 x (RTCP).
RTCPH (ED08h)
XBus
Reset value: ---Xh
15
14
13
12
11
10
987
65432
10
Reserved
RTCPH
-RW
RTCPL (ED06h)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
RTCPL
RW
3
2
1
0
7
6
5
4
11
10
9
8
15
14
13
12
3
2
1
0
RTCPH
RTCPL
3
2
1
0
7
6
5
4
11
10
9
8
15
14
13
12
19
18
17
16
20-bit word counter
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com