Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 201Page - STMicroelectronics ST10F296 Datasheet HTML 202Page - STMicroelectronics ST10F296 Datasheet HTML 203Page - STMicroelectronics ST10F296 Datasheet HTML 204Page - STMicroelectronics ST10F296 Datasheet HTML 205Page - STMicroelectronics ST10F296 Datasheet HTML 206Page - STMicroelectronics ST10F296 Datasheet HTML 207Page - STMicroelectronics ST10F296 Datasheet HTML 208Page - STMicroelectronics ST10F296 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Real-time clock (RTC)
205/346
18.1
RTC registers
RTC control register (RTCCON)
The functions of the RTC are controlled by the RTCCON control register (see register table
and description below). If the RTOFF bit is set, the RTC dividers and counter clocks are
disabled and the registers can be written. When the ST10 chip enters power-down mode,
the clock oscillator is switched off. The RTC has two interrupt sources: One is triggered
every basic clock period, the other is the alarm.
Note:
The RTC registers are not bit-addressable.
The RTCCON register includes an interrupt request flag and an interrupt enable bit for each
interrupt source. This register is read and written via the XBus.
RTCCON (ED00h)
XBus
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
RTC
OFF
---
RTC
AEN
RTC
AIR
RTC
SEN
RTC
SIR
---
-----
RW
-
-
-
RW
RW
RW
RW
Table 124.
RTCCON register description
Bit
Bit name
Function
7RTCOFF(1)
1.
The two RTC interrupt signals are connected to Port 2 to trigger an external interrupt that can wake up the
chip when in power-down mode.
RTC switch off bit
0: Clock oscillator and RTC keep running even if ST10 is in power-
down mode.
1: If ST10 enters power-down mode, clock oscillator is switched off,
RTC dividers and counters are stopped, and registers can be
written.
3
RTCAEN
RTC alarm interrupt enable
0: RTCAI is disabled
1: RTCAI is enabled; it is generated when the counters reach the
alarm value.
2RTCAIR(2)(3)
2.
To clear the RTC interrupt request flags (bit 0 and bit 2 of the RTCCON register) it is necessary to write a 1
to the corresponding bit of the RTCCON register.
3.
As the RTCCON register is not bit-addressable, the value of its bits must be read by checking their
associated CCxIC register.
RTC alarm interrupt request flag (when the alarm is triggered)
0: RTCAIR bit is reset in less than an n basic clock tick.
1: An interrupt is triggered
1
RTCSEN
RTC second interrupt enable
0: RTCSI is disabled
1: RTCSI is enabled; it is generated every basic clock tick
0RTCSIR(2)(3)
RTC second interrupt request flag (every second)
0: RTCSIR bit is reset in less than an a basic clock tick.
1: An interrupt is triggered
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com