Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 204Page - STMicroelectronics ST10F296 Datasheet HTML 205Page - STMicroelectronics ST10F296 Datasheet HTML 206Page - STMicroelectronics ST10F296 Datasheet HTML 207Page - STMicroelectronics ST10F296 Datasheet HTML 208Page - STMicroelectronics ST10F296 Datasheet HTML 209Page - STMicroelectronics ST10F296 Datasheet HTML 210Page - STMicroelectronics ST10F296 Datasheet HTML 211Page - STMicroelectronics ST10F296 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Real-time clock (RTC)
ST10F296E
208/346
RTC programmable counter registers (RTCH and RTCL)
The RTC has two x 16-bit programmable counters which are controlled by two counter
registers: The RTC counter high register (RTCH) and the RTC counter low register (RTCL).
The count rate of the counters is based on a basic time reference (for example, 1 s). As the
clock oscillator may be kept working, even in power-down mode, the RTC counters may be
used as a system clock. In addition, RTC counters and registers are not modified at a
system reset. The only way to force their value is to write them via the XBus.
The RTC counter registers are write protected. The RTCOFF bit of the RTCCON register
(see Table 124) must be set (RTC dividers and counters are stopped) to enable a write
operation on RTCH or RTCL.
A write operation on RTCH or RTCL register loads the corresponding counter directly. When
reading, the current value in the counter (system date) is returned.
The counters keep running while the clock oscillator is working.
Note:
Neither the RTCL nor the RTCH registers can be reset.
RTC alarm registers (RTCAH and RTCAL)
The RTC alarm registers include the RTC alarm high (RTCAH) and RTC alarm low
(RTCAL). When the counters reach the 32-bit value stored in the RTCAH and RTCAL
registers, an alarm is triggered and the interrupt request, RTAIR, is generated. These
registers are not protected.
Note:
Neither the RTCAL nor the RTCAH registers can be reset.
RTCH (ED10h)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
RTCH
R/W
RTCL (ED0Eh)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
RTCL
R/W
RTCAH (ED14h)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
RTCAH
R/W
RTCAL (ED12h)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
RTCAL
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com