Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 242 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 238Page - STMicroelectronics ST10F296 Datasheet HTML 239Page - STMicroelectronics ST10F296 Datasheet HTML 240Page - STMicroelectronics ST10F296 Datasheet HTML 241Page - STMicroelectronics ST10F296 Datasheet HTML 242Page - STMicroelectronics ST10F296 Datasheet HTML 243Page - STMicroelectronics ST10F296 Datasheet HTML 244Page - STMicroelectronics ST10F296 Datasheet HTML 245Page - STMicroelectronics ST10F296 Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Power reduction modes
ST10F296E
242/346
Figure 93.
External RC circuit on the RPD pin
To exit power-down mode with an external interrupt, an EXxIN (x = 7...0) pin has to be
asserted for at least 40 ns.
This signal enables the internal oscillator and PLL circuitry. It also turns on the weak pull-
down (see Figure 94).
The discharge of the external capacitor provides a delay that allows the oscillator and PLL
circuits to stabilize before the internal CPU and peripheral clocks are enabled. When the
RPD voltage drops below the threshold voltage (about 2.5 V), the Schmitt trigger clears Q2
flip-flop, the CPU and peripheral clocks are enabled, and the device resumes code
execution.
If the interrupt is enabled (CCxIE bit = 1 in the CCxIC register) before entering power-down
mode, the device executes the interrupt service routine and resumes execution after the
PWRDN instruction (see note below).
If the interrupt is disabled, the device executes the instruction following the PWRDN
instruction and the interrupt request flag remains set (using the CCxIR bit in the CCxIC
register) until it is cleared by software.
Note:
Due to the internal pipeline, the instruction that follows the PWRDN instruction is executed
before the CPU performs a call of the interrupt service routine when exiting power-down
mode.
RPD
VDD
C0
R0
220 k
Ω minimum
1 µF typical
ST10F296E
+
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com