Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 244 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 240Page - STMicroelectronics ST10F296 Datasheet HTML 241Page - STMicroelectronics ST10F296 Datasheet HTML 242Page - STMicroelectronics ST10F296 Datasheet HTML 243Page - STMicroelectronics ST10F296 Datasheet HTML 244Page - STMicroelectronics ST10F296 Datasheet HTML 245Page - STMicroelectronics ST10F296 Datasheet HTML 246Page - STMicroelectronics ST10F296 Datasheet HTML 247Page - STMicroelectronics ST10F296 Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Power reduction modes
ST10F296E
244/346
21.3
Standby mode
In stand-by mode, the RAM array is maintained powered through the dedicated pin, VSTBY,
when the main power supply (VDD) of the ST10F296E is turned off.
To enter stand-by mode, the device must be held under reset. In this way, the RAM is
disabled (see XRAM2EN bit of XPERCON register, Table 5), and its digital interface is
frozen to avoid any kind of data corruption. It is then possible to turn off the main VDD
provided that VSTBY is on.
A dedicated embedded low-power voltage regulator is implemented to generate the internal
low voltage supply to bias the portion of XRAM (16 Kbytes).
In normal running mode (when VDD is on), the VSTBY pin can be tied to VSS during reset, to
exercise the EA functionality associated with the same pin. The voltage supply for the
circuits which are usually biased with VSTBY is granted by the active VDD.
Standby mode can generate problems associated with the use of different power supplies in
CMOS systems. Particular attention must be paid when the ST10F296E I/O lines are
interfaced with other external CMOS integrated circuits. In standby mode, if the VDD of the
device falls below that of the output level forced by the I/O lines of the external integrated
circuits, the device could be powered directly through the inherent diode existing on the
device output driver circuit. The same is valid for the ST10F296E when it is interfaced to
active/inactive communication buses during standby mode. Current injection can be
generated through the inherent diode.
In addition, the sequence of turning on/off the different voltages could be critical for the
system. The device standby mode current (ISTBY) may vary while the VDD to VSTBY
transition occurs (and vice versa) as some current flows between the VDD and VSTBY pins.
System noise on both the VDD and VSTBY pins can increase this phenomenon.
21.3.1
Entering standby mode
To enter standby mode, the XRAM2EN bit in the XPERCON register must be cleared (this
bit is automatically reset by any kind of reset event, see Section 20: System reset). This
allows the RAM interface to be frozen immediately, thereby avoiding any data corruption. As
a consequence of a reset event, the RAM power supply is switched to the internal low-
voltage supply, V18SB (derived from VSTBY through the low-power voltage regulator). The
RAM interface remains frozen until the XRAM2EN bit is set again by the software
initialization routine (at the next exit from VDD power-on reset sequence).
When V18 falls (as a result of VDD being turning off), the XRAM2EN bit is no longer be able
to guarantee its content (logic 0), because the XPERCON register is powered by internal
V18. This does not generate a problem because the standby mode switching dedicated
circuit continues to confirm that the RAM interface is freezing, irrespective of the XRAM2EN
bit content. The XRAM2EN bit status is considered once more when the internal V18 starts
again and replaces the internal stand-by reference V18SB.
If internal V18 falls below the internal stand-by reference (V18SB) by about 0.3 to 0.45 V
when the XRAM2EN bit is set, the RAM supply switching circuit is inactive. If there is a
temporary drop on the internal V18 voltage versus internal V18SB during normal code
execution, no spurious standby mode switching can occur (the RAM is not frozen and can
still be accessed).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com