Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 253 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 253 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 249Page - STMicroelectronics ST10F296 Datasheet HTML 250Page - STMicroelectronics ST10F296 Datasheet HTML 251Page - STMicroelectronics ST10F296 Datasheet HTML 252Page - STMicroelectronics ST10F296 Datasheet HTML 253Page - STMicroelectronics ST10F296 Datasheet HTML 254Page - STMicroelectronics ST10F296 Datasheet HTML 255Page - STMicroelectronics ST10F296 Datasheet HTML 256Page - STMicroelectronics ST10F296 Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
253/346
CC23IC (b)
F16Eh (E)
B7h
CAPCOM register 23 interrupt control register
--00h
CC24
FE70h
38h
CAPCOM register 24
0000h
CC24IC (b)
F170h (E)
B8h
CAPCOM register 24 interrupt control register
--00h
CC25
FE72h
39h
CAPCOM register 25
0000h
CC25IC (b)
F172h (E)
B9h
CAPCOM register 25 interrupt control register
--00h
CC26
FE74h
3Ah
CAPCOM register 26
0000h
CC26IC (b)
F174h (E)
BAh
CAPCOM register 26 interrupt control register
--00h
CC27
FE76h
3Bh
CAPCOM register 27
0000h
CC27IC (b)
F176h (E)
BBh
CAPCOM register 27 interrupt control register
--00h
CC28
FE78h
3Ch
CAPCOM register 28
0000h
CC28IC (b)
F178h (E)
BCh
CAPCOM register 28 interrupt control register
--00h
CC29
FE7Ah
3Dh
CAPCOM register 29
0000h
CC29IC (b)
F184h (E)
C2h
CAPCOM register 29 interrupt control register
--00h
CC30
FE7Ch
3Eh
CAPCOM register 30
0000h
CC30IC (b)
F18Ch (E)
C6h
CAPCOM register 30 interrupt control register
--00h
CC31
FE7Eh
3Fh
CAPCOM register 31
0000h
CC31IC (b)
F194h (E)
CAh
CAPCOM register 31 interrupt control register
--00h
CCM0 (b)
FF52h
A9h
CAPCOM mode control register 0
0000h
CCM1 (b)
FF54h
AAh
CAPCOM mode control register 1
0000h
CCM2 (b)
FF56h
ABh
CAPCOM mode control register 2
0000h
CCM3 (b)
FF58h
ACh
CAPCOM mode control register 3
0000h
CCM4 (b)
FF22h
91h
CAPCOM mode control register 4
0000h
CCM5 (b)
FF24h
92h
CAPCOM mode control register 5
0000h
CCM6 (b)
FF26h
93h
CAPCOM mode control register 6
0000h
CCM7 (b)
FF28h
94h
CAPCOM mode control register 7
0000h
CP
FE10h
08h
CPU context pointer register
FC00h
CRIC (b)
FF6Ah
B5h
GPT2 CAPREL interrupt control register
--00h
CSP
FE08h
04h
CPU code segment pointer register (read-only)
0000h
DP0L (b)
F100h (E)
80h
P0L direction control register
--00h
DP0H (b)
F102h (E)
81h
P0h direction control register
--00h
DP1L (b)
F104h (E)
82h
P1L direction control register
--00h
DP1H (b)
F106h (E)
83h
P1h direction control register
--00h
DP2 (b)
FFC2h
E1h
Port 2 direction control register
0000h
DP3 (b)
FFC6h
E3h
Port 3 direction control register
0000h
Table 140.
SFRs ordered by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com