Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 254 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 250Page - STMicroelectronics ST10F296 Datasheet HTML 251Page - STMicroelectronics ST10F296 Datasheet HTML 252Page - STMicroelectronics ST10F296 Datasheet HTML 253Page - STMicroelectronics ST10F296 Datasheet HTML 254Page - STMicroelectronics ST10F296 Datasheet HTML 255Page - STMicroelectronics ST10F296 Datasheet HTML 256Page - STMicroelectronics ST10F296 Datasheet HTML 257Page - STMicroelectronics ST10F296 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
254/346
DP4 (b)
FFCAh
E5h
Port 4 direction control register
--00h
DP6 (b)
FFCEh
E7h
Port 6 direction control register
--00h
DP7 (b)
FFD2h
E9h
Port 7 direction control register
--00h
DP8 (b)
FFD6h
EBh
Port 8 direction control register
--00h
DPP0
FE00h
00h
CPU data page pointer 0 register (10-bit)
0000h
DPP1
FE02h
01h
CPU data page pointer 1 register (10-bit)
0001h
DPP2
FE04h
02h
CPU data page pointer 2 register (10-bit)
0002h
DPP3
FE06h
03h
CPU data page pointer 3 register (10-bit)
0003h
EMUCON
FE0Ah
05h
Emulation control register
--XXh
EXICON (b)
F1C0h (E)
E0h
External interrupt control register
0000h
EXISEL (b)
F1DAh (E)
EDh
External interrupt source selection register
0000h
IDCHIP
F07Ch (E)
3Eh
Device identifier register (n is the device revision)
128nh
IDMANUF
F07Eh (E)
3Fh
Manufacturer identifier register
0403h
IDMEM
F07Ah (E)
3Dh
On-chip memory identifier register
30D0h
IDPROG
F078h (E)
3Ch
Programming voltage identifier register
0040h
IDX0 (b)
FF08h
84h
MAC unit address pointer 0
0000h
IDX1 (b)
FF0Ah
85h
MAC unit address pointer 1
0000h
MAH
FE5Eh
2Fh
MAC unit accumulator - high word
0000h
MAL
FE5Ch
2Eh
MAC unit accumulator - low word
0000h
MCW (b)
FFDCh
EEh
MAC unit control word
0000h
MDC (b)
FF0Eh
87h
CPU multiply divide control register
0000h
MDH
FE0Ch
06h
CPU multiply divide register – high word
0000h
MDL
FE0Eh
07h
CPU multiply divide register – low word
0000h
MRW (b)
FFDAh
EDh
MAC unit repeat word
0000h
MSW (b)
FFDEh
EFh
MAC unit status word
0200h
ODP2 (b)
F1C2h (E)
E1h
Port 2 open-drain control register
0000h
ODP3 (b)
F1C6h (E)
E3h
Port 3 open-drain control register
0000h
ODP4 (b)
F1CAh (E)
E5h
Port 4 open-drain control register
--00h
ODP6 (b)
F1CEh (E)
E7h
Port 6 open-drain control register
--00h
ODP7 (b)
F1D2h (E)
E9h
Port 7 open-drain control register
--00h
ODP8 (b)
F1D6h (E)
EBh
Port 8 open-drain control register
--00h
ONES (b)
FF1Eh
8Fh
Constant value 1’s register (read-only)
FFFFh
P0L (b)
FF00h
80h
Port 0 low register (lower half of Port 0)
--00h
P0H (b)
FF02h
81h
Port 0 high register (upper half of Port 0)
--00h
Table 140.
SFRs ordered by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com