Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 262 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 262 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 258Page - STMicroelectronics ST10F296 Datasheet HTML 259Page - STMicroelectronics ST10F296 Datasheet HTML 260Page - STMicroelectronics ST10F296 Datasheet HTML 261Page - STMicroelectronics ST10F296 Datasheet HTML 262Page - STMicroelectronics ST10F296 Datasheet HTML 263Page - STMicroelectronics ST10F296 Datasheet HTML 264Page - STMicroelectronics ST10F296 Datasheet HTML 265Page - STMicroelectronics ST10F296 Datasheet HTML 266Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Register set
ST10F296E
262/346
S0TBUF
FEB0h
58h
Serial channel 0 transmit buffer register (write-only)
0000h
S0RBUF
FEB2h
59h
Serial channel 0 receive buffer register (read-only)
--XXh
S0BG
FEB4h
5Ah
Serial channel 0 baud rate generator reload register
0000h
PECC0
FEC0h
60h
PEC channel 0 control register
0000h
PECC1
FEC2h
61h
PEC channel 1 control register
0000h
PECC2
FEC4h
62h
PEC channel 2 control register
0000h
PECC3
FEC6h
63h
PEC channel 3 control register
0000h
PECC4
FEC8h
64h
PEC channel 4 control register
0000h
PECC5
FECAh
65h
PEC channel 5 control register
0000h
PECC6
FECCh
66h
PEC channel 6 control register
0000h
PECC7
FECEh
67h
PEC channel 7 control register
0000h
P0L (b)
FF00h
80h
Port 0 low register (lower half of Port 0)
--00h
P0H (b)
FF02h
81h
Port 0 high register (upper half of Port 0)
--00h
P1L (b)
FF04h
82h
Port 1 low register (lower half of Port 1)
--00h
P1H (b)
FF06h
83h
Port 1 high register (upper half of Port 1)
--00h
IDX0 (b)
FF08h
84h
MAC unit address pointer 0
0000h
IDX1 (b)
FF0Ah
85h
MAC unit address pointer 1
0000h
BUSCON0 (b)
FF0Ch
86h
Bus configuration register 0
0xx0h
MDC (b)
FF0Eh
87h
CPU multiply divide control register
0000h
PSW (b)
FF10h
88h
CPU program status word
0000h
SYSCON (b)
FF12h
89h
CPU system configuration register
0xx0h
BUSCON1 (b)
FF14h
8Ah
Bus configuration register 1
0000h
BUSCON2 (b)
FF16h
8Bh
Bus configuration register 2
0000h
BUSCON3 (b)
FF18h
8Ch
Bus configuration register 3
0000h
BUSCON4 (b)
FF1Ah
8Dh
Bus configuration register 4
0000h
ZEROS (b)
FF1Ch
8Eh
Constant value 0’s register (read-only)
0000h
ONES (b)
FF1Eh
8Fh
Constant value 1’s register (read-only)
FFFFh
T78CON (b)
FF20h
90h
CAPCOM timer 7 and 8 control register
0000h
CCM4 (b)
FF22h
91h
CAPCOM mode control register 4
0000h
CCM5 (b)
FF24h
92h
CAPCOM mode control register 5
0000h
CCM6 (b)
FF26h
93h
CAPCOM mode control register 6
0000h
CCM7 (b)
FF28h
94h
CAPCOM mode control register 7
0000h
PWMCON0 (b)
FF30h
98h
PWM module control register 0
0000h
PWMCON1 (b)
FF32h
99h
PWM module control register 1
0000h
Table 141.
SFRs ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com