Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 265 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 265 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 261Page - STMicroelectronics ST10F296 Datasheet HTML 262Page - STMicroelectronics ST10F296 Datasheet HTML 263Page - STMicroelectronics ST10F296 Datasheet HTML 264Page - STMicroelectronics ST10F296 Datasheet HTML 265Page - STMicroelectronics ST10F296 Datasheet HTML 266Page - STMicroelectronics ST10F296 Datasheet HTML 267Page - STMicroelectronics ST10F296 Datasheet HTML 268Page - STMicroelectronics ST10F296 Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
265/346
23.5
X registers ordered by name
Table 142 lists all XBus registers which are implemented in the ST10F296E ordered by their
name. The Flash control registers are physically mapped on the XBus memory space, but,
are listed in Section 23.7: Flash registers ordered by name. The X registers are not bit-
addressable.
Table 142.
X registers ordered by name
Name
Physical
address
Description
Reset
value
CAN1BRPER
EF0Ch
CAN1 BRP extension register
0000h
CAN1BTR
EF06h
CAN1 bit timing register
2301h
CAN1CR
EF00h
CAN1 CAN control register
0001h
CAN1EC
EF04h
CAN1 error counter
0000h
CAN1IF1A1
EF18h
CAN1 IF1 arbitration 1
0000h
CAN1IF1A2
EF1Ah
CAN1 IF1 arbitration 2
0000h
CAN1IF1CM
EF12h
CAN1 IF1 command mask
0000h
CAN1IF1CR
EF10h
CAN1 IF1 command request
0001h
CAN1IF1DA1
EF1Eh
CAN1 IF1 data A 1
0000h
CAN1IF1DA2
EF20h
CAN1 IF1 data A 2
0000h
CAN1IF1DB1
EF22h
CAN1 IF1 data B 1
0000h
CAN1IF1DB2
EF24h
CAN1 IF1 data B 2
0000h
CAN1IF1M1
EF14h
CAN1 IF1 mask 1
FFFFh
CAN1IF1M2
EF16h
CAN1 IF1 mask 2
FFFFh
CAN1IF1MC
EF1Ch
CAN1 IF1 message control
0000h
CAN1IF2A1
EF48h
CAN1 IF2 arbitration 1
0000h
CAN1IF2A2
EF4Ah
CAN1 IF2 arbitration 2
0000h
CAN1IF2CM
EF42h
CAN1 IF2 command mask
0000h
CAN1IF2CR
EF40h
CAN1 IF2 command request
0001h
CAN1IF2DA1
EF4Eh
CAN1 IF2 data A 1
0000h
CAN1IF2DA2
EF50h
CAN1 IF2 data A 2
0000h
CAN1IF2DB1
EF52h
CAN1 IF2 data B 1
0000h
CAN1IF2DB2
EF54h
CAN1 IF2 data B 2
0000h
CAN1IF2M1
EF44h
CAN1 IF2 mask 1
FFFFh
CAN1IF2M2
EF46h
CAN1 IF2 mask 2
FFFFh
CAN1IF2MC
EF4Ch
CAN1 IF2 message control
0000h
CAN1IP1
EFA0h
CAN1 interrupt pending 1
0000h
CAN1IP2
EFA2h
CAN1 interrupt pending 2
0000h
CAN1IR
EF08h
CAN1 interrupt register
0000h
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com