Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 271 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 271 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 267Page - STMicroelectronics ST10F296 Datasheet HTML 268Page - STMicroelectronics ST10F296 Datasheet HTML 269Page - STMicroelectronics ST10F296 Datasheet HTML 270Page - STMicroelectronics ST10F296 Datasheet HTML 271Page - STMicroelectronics ST10F296 Datasheet HTML 272Page - STMicroelectronics ST10F296 Datasheet HTML 273Page - STMicroelectronics ST10F296 Datasheet HTML 274Page - STMicroelectronics ST10F296 Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
271/346
XCLKOUTDIV
EB02h
CLKOUT divider control register
- - 00h
XIR0SEL
EB10h
XInterrupt 0 selection register
0000h
XIR0SET
EB12h
XInterrupt 0 set register (write-only)
0000h
XIR0CLR
EB14h
XInterrupt 0 clear register (write-only)
0000h
XIR1SEL
EB20h
XInterrupt 1 selection register
0000h
XIR1SET
EB22h
XInterrupt 1 set register (write-only)
0000h
XIR1CLR
EB24h
XInterrupt 1 clear register (write-only)
0000h
XPICON
EB26h
Extended port input threshold control register
- - 00h
XIR2SEL
EB30h
XInterrupt 2 selection register
0000h
XIR2SET
EB32h
XInterrupt 2 set register (write-only)
0000h
XIR2CLR
EB34h
XInterrupt 2 clear register (write-only)
0000h
XIR3SEL
EB40h
XInterrupt 3 selection register
0000h
XIR3SET
EB42h
XInterrupt 3 set selection register (write-only)
0000h
XIR3CLR
EB44h
XInterrupt 3 clear selection register (write-only)
0000h
XMISC
EB46h
XBus miscellaneous features register
0000h
XTCR
EB50h
XTimer control register
0000h
XTSVR
EB52h
XTimer start value register
0000h
XTEVR
EB54h
XTimer end value register
0000h
XTCVR
EB56h
XTimer current value register
0000h
XEMU0
EB76h
XBus emulation register 0 (write-only)
XXXXh
XEMU1
EB78h
XBus emulation register 1 (write-only)
XXXXh
XEMU2
EB7Ah
XBus emulation register 2 (write-only)
XXXXh
XEMU3
EB7Ch
XBus emulation register 3 (write-only)
XXXXh
XPEREMU
EB7Eh
XPERCON copy for emulation (write-only)
XXXXh
XP9
EB80h
XPort 9 register
0000h
XP9SET
EB82h
XPort 9 register set
0000h
XP9CLR
EB84h
XPort 9 register clear
0000h
XDP9
EB86h
XPort 9 direction control register
0000h
XDP9SET
EB88h
XPort 9 direction control register set
0000h
XDP9CLR
EB8Ah
XPort 9 direction control register clear
0000h
XODP9
EB8Ch
XPort 9 open-drain control register
0000h
XODP9SET
EB8Eh
XPort 9 open-drain control register set
0000h
XODP9CLR
EB90h
XPort 9 open-drain control register clear
0000h
XPICON9
EB98h
XPort 9 input control register
0000h
Table 143.
X registers ordered by address (continued)
Name
Physical
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com