Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 273 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 273 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 269Page - STMicroelectronics ST10F296 Datasheet HTML 270Page - STMicroelectronics ST10F296 Datasheet HTML 271Page - STMicroelectronics ST10F296 Datasheet HTML 272Page - STMicroelectronics ST10F296 Datasheet HTML 273Page - STMicroelectronics ST10F296 Datasheet HTML 274Page - STMicroelectronics ST10F296 Datasheet HTML 275Page - STMicroelectronics ST10F296 Datasheet HTML 276Page - STMicroelectronics ST10F296 Datasheet HTML 277Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Register set
273/346
RTCL
ED0Eh
RTC programmable counter low byte
XXXXh
RTCH
ED10h
RTC programmable counter high byte
XXXXh
RTCAL
ED12h
RTC alarm register low byte
XXXXh
RTCAH
ED14h
RTC alarm register high byte
XXXXh
CAN2CR
EE00h
CAN2 CAN control register
0001h
CAN2SR
EE02h
CAN2 status register
0000h
CAN2EC
EE04h
CAN2 error counter
0000h
CAN2BTR
EE06h
CAN2 bit timing register
2301h
CAN2IR
EE08h
CAN2 interrupt register
0000h
CAN2TR
EE0Ah
CAN2 test register
00x0h
CAN2BRPER
EE0Ch
CAN2 BRP extension register
0000h
CAN2IF1CR
EE10h
CAN2 IF1 command request
0001h
CAN2IF1CM
EE12h
CAN2 IF1 command mask
0000h
CAN2IF1M1
EE14h
CAN2 IF1 mask 1
FFFFh
CAN2IF1M2
EE16h
CAN2 IF1 mask 2
FFFFh
CAN2IF1A1
EE18h
CAN2 IF1 arbitration 1
0000h
CAN2IF1A2
EE1Ah
CAN2 IF1 arbitration 2
0000h
CAN2IF1MC
EE1Ch
CAN2 IF1 message control
0000h
CAN2IF1DA1
EE1Eh
CAN2 IF1 data A 1
0000h
CAN2IF1DA2
EE20h
CAN2 IF1 data A 2
0000h
CAN2IF1DB1
EE22h
CAN2 IF1 data B 1
0000h
CAN2IF1DB2
EE24h
CAN2 IF1 data B 2
0000h
CAN2IF2CR
EE40h
CAN2 IF2 command request
0001h
CAN2IF2CM
EE42h
CAN2 IF2 command mask
0000h
CAN2IF2M1
EE44h
CAN2 IF2 mask 1
FFFFh
CAN2IF2M2
EE46h
CAN2 IF2 mask 2
FFFFh
CAN2IF2A1
EE48h
CAN2 IF2 arbitration 1
0000h
CAN2IF2A2
EE4Ah
CAN2 IF2 arbitration 2
0000h
CAN2IF2MC
EE4Ch
CAN2 IF2 message control
0000h
CAN2IF2DA1
EE4Eh
CAN2 IF2 data A 1
0000h
CAN2IF2DA2
EE50h
CAN2 IF2 data A 2
0000h
CAN2IF2DB1
EE52h
CAN2 IF2 data B 1
0000h
CAN2IF2DB2
EE54h
CAN2 IF2 data B 2
0000h
CAN2TR1
EE80h
CAN2 transmission request 1
0000h
Table 143.
X registers ordered by address (continued)
Name
Physical
address
Description
Reset
value
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com