Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 336 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 336 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 332Page - STMicroelectronics ST10F296 Datasheet HTML 333Page - STMicroelectronics ST10F296 Datasheet HTML 334Page - STMicroelectronics ST10F296 Datasheet HTML 335Page - STMicroelectronics ST10F296 Datasheet HTML 336Page - STMicroelectronics ST10F296 Datasheet HTML 337Page - STMicroelectronics ST10F296 Datasheet HTML 338Page - STMicroelectronics ST10F296 Datasheet HTML 339Page - STMicroelectronics ST10F296 Datasheet HTML 340Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
336/346
24.8.18
External bus arbitration
VDD = 5 V ±10 %, VSS = 0 V, TA = -40 to 125°C, CL = 50 pF.
Figure 117. External bus arbitration (releasing the bus)
1.
The ST10F296E completes the current running bus cycle before granting bus access.
2.
This is the first possibility for BREQ to become active.
3.
The CS outputs are resistive high (pull-up) after t64.
Table 178.
External bus arbitration
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Unit
Min
Max
Min
Max
t61 (SR)
HOLD input setup time to
CLKOUT
18.5
-
18.5
-
ns
t62 (CC)
CLKOUT to HLDA high or
BREQ low delay
-
12.5
-
12.5
t63 (CC)
CLKOUT to HLDA low or
BREQ high delay
t64 (CC)
CSx release1
20
20
t65 (CC)
CSx drive
-4
15
-4
15
t66 (CC)
Other signals release1
-20
-
20
t67 (CC)
Other signals drive
-4
15
-4
15
t62
t61
t63
t66
(1)
t64
(1)
(2)
(3)
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com