Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 338 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 338 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 334Page - STMicroelectronics ST10F296 Datasheet HTML 335Page - STMicroelectronics ST10F296 Datasheet HTML 336Page - STMicroelectronics ST10F296 Datasheet HTML 337Page - STMicroelectronics ST10F296 Datasheet HTML 338Page - STMicroelectronics ST10F296 Datasheet HTML 339Page - STMicroelectronics ST10F296 Datasheet HTML 340Page - STMicroelectronics ST10F296 Datasheet HTML 341Page - STMicroelectronics ST10F296 Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
338/346
24.8.19
High-speed synchronous serial interface (SSC) timing modes
Master mode
VDD = 5 V ±10 %, VSS = 0 V, TA = -40 to 125°C, CL = 50 pF.
Table 179.
Master mode
Symbol
Parameter
Max baud rate 6.6 MBd
@FCPU = 40 MHz
(<SSCBR> = 0002h)(1)
Variable baud rate
(<SSCBR> = 0001h - FFFFh)
Unit
Min
Max
Min
Max
t300 (CC)
SSC clock cycle time(2)
150
150
8 TCL
262144 TCL
ns
t301 (CC)
SSC clock high time
63
–
t300/2 - 12
-
t302 (CC)
SSC clock low time
t303 (CC)
SSC clock rise time
-
10
-
10
t304 (CC)
SSC clock fall time
t305 (CC)
Write data valid after shift edge
15
15
t306 (CC)
Write data hold after shift edge 3
-2
-
-2
-
t307p (SR)
Read data setup time before latch
edge, phase error detection on
(SSCPEN = 1)
37.5
2TCL + 12.5
t308p (SR)
Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
50
4 TCL
t307 (SR)
Read data setup time before latch
edge, phase error detection off
(SSCPEN = 0)
25
2 TCL
t308 (SR)
Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
00
1.
Maximum baud rate is 8 Mbaud and can be reached with 64 MHz CPU clock and <SSCBR> set to 3h, or with 48 MHz CPU
clock and <SSCBR> set to 2h. When 40 MHz CPU clock is used, the maximum baud rate cannot be higher than 6.6 Mbaud
(<SSCBR> = 2h) due to the limited granularity of <SSCBR>. A value of 1h for <SSCBR> may be used only with a CPU
clock equal to (or lower than) 32 MHz (after checking that timings are in line with the target slave).
2.
The formula for the SSC clock cycle time is:
t300 = 4 TCL x (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC baud rate register, taken as an unsigned 16-bit integer. The minimum
limit allowed for t300 is 125 ns (corresponding to 8 Mbaud).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com