Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 342 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 342 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 338Page - STMicroelectronics ST10F296 Datasheet HTML 339Page - STMicroelectronics ST10F296 Datasheet HTML 340Page - STMicroelectronics ST10F296 Datasheet HTML 341Page - STMicroelectronics ST10F296 Datasheet HTML 342Page - STMicroelectronics ST10F296 Datasheet HTML 343Page - STMicroelectronics ST10F296 Datasheet HTML 344Page - STMicroelectronics ST10F296 Datasheet HTML 345Page - STMicroelectronics ST10F296 Datasheet HTML 346Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 342 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
ST10F296E
342/346
25
Package mechanical data
To meet environmental requirements, ST offers the device in ECOPACK® packages. These
packages have a lead-free second level interconnect. The category of second level
interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK® specifications are available at www.st.com..
Figure 121. PBGA 208 (23 x 23 x 1.96 mm) outline
1.
PBGA stands for plastic ball grid array.
2.
The terminal A1 corner of the package must be identified on the top surface by using a corner chamfer, ink
or metallized marking, identation or other feature of the package body or an integral heastslug. A
distinguishing feature is also allowable on the bottom of the package to identify the terminal A1 corner. The
exact shape and size of this feature is optional.
A1
E1
φ b (208 + 25 balls)
U
T
R
P
N
M
L
K
10 11 12 13 14 15 16 17
6789
J
G
F
H
E
D
B
A
C
45
12 3
A1 ball pad corner 2
f
E
e
e
D1
D
f
A2
A3
C
Seating
plane
A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com