Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 21Page - National Semiconductor (TI) TP3410 Datasheet HTML 22Page - National Semiconductor (TI) TP3410 Datasheet HTML 23Page - National Semiconductor (TI) TP3410 Datasheet HTML 24Page - National Semiconductor (TI) TP3410 Datasheet HTML 25Page - National Semiconductor (TI) TP3410 Datasheet HTML 26Page - National Semiconductor (TI) TP3410 Datasheet HTML 27Page - National Semiconductor (TI) TP3410 Datasheet HTML 28Page - National Semiconductor (TI) TP3410 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Applications Information (Continued)
TLH9151 – 19
Note 1
01% matching may be required to meet the longitudinal balance specification depending on the Longitudinal impedance to ground of the line interface
The 15X and 1k resistors in the line interface circuit should be 1% tolerance and the capacitors should be 10%
Note 2
An alternative circuit which removes the 24X surge-limiting resistors is shown in
Figure 10
Note 3
Only necessary in GCI Mode
Note 4
See AN-913 for further information about the line circuit
FIGURE 9 Typical Application in Microwire Mode
TLH9151 – 20
Note 1
All resistors 1% tolerance and capacitors 10%
Note 2
This circuit provides no surge current limiting for the transformer
Note 3
See AN-913 for further information about the line circuit
FIGURE 10 Alternative Interface Circuit
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com