Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 18Page - National Semiconductor (TI) TP3410 Datasheet HTML 19Page - National Semiconductor (TI) TP3410 Datasheet HTML 20Page - National Semiconductor (TI) TP3410 Datasheet HTML 21Page - National Semiconductor (TI) TP3410 Datasheet HTML 22Page - National Semiconductor (TI) TP3410 Datasheet HTML 23Page - National Semiconductor (TI) TP3410 Datasheet HTML 24Page - National Semiconductor (TI) TP3410 Datasheet HTML 25Page - National Semiconductor (TI) TP3410 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Functional Description (Continued)
The RXM4 Register consists of 8 bits which correspond to
the M4 overhead bit position in each of the 8 Basic Frames
of a superframe When the line is fully superframe synchro-
nized the device extracts from the M channel these 8 bits
every superframe At the end of each superframe the regis-
ter content is sent to the Interrupt stack in accordance with
the validation mode selected in Register OPR M41 and
M42 in NT mode are only provided via this register while
the line is fully activated (after AI) During the activation and
deactivation sequences the ‘‘act’’ and ‘‘dea’’ bits are pro-
cessed automatically see the Activation Control section
104 RXM56 Receive M5M6 Spare Bits Status Register
This register is significant only when the Spare Bit process-
ing is enabled (see register OPR)
Byte 2
7
6
5
432
1
0
0
ES2
ES1
M51
M61
M52
RFB
NEB
Data in this register consists of 7 bits M51 M52 M61 and
RFB (RFB e receive febe the far-end block-error indicator
from the M62 bit position) all of which correspond to the
overhead bits received once per superframe plus NEB
which is an internally generated bit indicating a near-end
block-error Bits ES1 and ES2 are available in GCI mode
only When the line is fully superframe synchronized the
device loads the register with the received bits M51 M52
M61 and febe every superframe in GCI mode the ES1 and
ES2 input pins are also sampled The 12-bit crc received
from the far-end is also compared at the end of the super-
frame with the crc previously calculated by the device If an
error is detected the febe bit in the transmit direction is
automatically forced low in the next superframe and the
NEB bit in this register is set low also The register content
is sent to the Interrupt stack at the end of each superframe
105 Block Error Counter BEC1
Byte 2
76543210
ec7
ec6
ec5
ec4
ec3
ec2
ec1
ec0
At Power-On Reset this counter is preseteX FF
BEC1
This 8-bit counter is decremented by 1 starting from the
value in the ECT1 register if either febee0 or nebee0in
the same superframe When the counter reaches X’00 (and
if the Interrupt is enabled by means of the EIE bit in Register
OPR) an interrupt is queued in the interrupt stack The
counter may also be read at any time the count will be the
ECT1 value minus the number of errors since the last read
of this register Reading the counter or when the counter
decrements to X 00 causes the count to be reset to the
ECT1 value
110 ACTIVATIONDEACTIVATION
A common coding table is used for the commands in the
Activation Control Register and the status indicators in the
Activation Indication Register They control the Power-Up
Down Activation and Deactivation states of the device
When the device is in GCI Mode the 4 significant bits in
these registers (3 – 0) continuously report their current con-
tents in the CI channel In Microwire Mode the registers are
addressed with a normal 16-bit cycle as shown in Table II
111 Activation Control Register
Byte 2
7654
3
2
1
0
0000C4C3C2C1
At Power-On Reset and each time the device is Deactivat-
ed (or an Activation attempt fails) this register is initialized
to X 0F
Activation commands and status indicators are coded as
follows
CODE
LT MODE
NT MODE
C4
C3
C2
C1
IND
COM
IND
COM
0000
TIM
PUPDR
DPLSD
PUP
0001
X
RES
X
RES
0100
EI
FA0
EI
SEI
0101
X
PDN
X
PDN
0110
SYNC
X
X
X
1000
AP
AR
AP
AR
1100
AI
AC
AI
AC
1111
DI
DC
DI
DC
Note 1
X indicates reserved codes which should not be used
112 Activation Commands
PUP
This command powers up the device and starts
the oscillator
PUPDR When the TP3410 is in the power-down state this
command powers up the device and starts the
oscillator In LT mode only when the device is
activated this code is a Deactivation Request
which forces the device through the specified de-
activation sequence by setting ‘‘dea’’e0 in 4 con-
secutive superframes before ceasing transmis-
sion
PDN
This power-down command immediately forces
the device to a low power state without sequenc-
ing through any of the de-activation states It
should normally only be used after the TP3410
has been put in a known state eg
after a DI
status indication has been reported
AR
Activation Request which is used after first pow-
ering up the device to initiate the specified Activa-
tion sequence
AC
Activation Complete which may be used to set
‘‘act’’e1 in each direction at the completion of
activation In LT mode this is only necessary if
Breakpoint 2 is enabled (in Register CR2) in NT
mode this is normally required when synchroniza-
tion on the ST Interface is confirmed by detec-
tion of INFO3
RES
RES is the reset command which resets the acti-
vation sequencer to the Receive Reset state and
resets the DSP coefficients in preparation for a
cold-start This command should be used only in
the event of a failed activation attempt (expiry of
T4 or T5) it does not affect the Command Regis-
ters
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com