Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  TP3410 Datasheet HTML 1Page - National Semiconductor (TI) TP3410 Datasheet HTML 2Page - National Semiconductor (TI) TP3410 Datasheet HTML 3Page - National Semiconductor (TI) TP3410 Datasheet HTML 4Page - National Semiconductor (TI) TP3410 Datasheet HTML 5Page - National Semiconductor (TI) TP3410 Datasheet HTML 6Page - National Semiconductor (TI) TP3410 Datasheet HTML 7Page - National Semiconductor (TI) TP3410 Datasheet HTML 8Page - National Semiconductor (TI) TP3410 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Connection Diagrams
Pin Names for MICROWIRE Mode
TLH9151 – 2
Top View
Pin Names for GCI Mode
TLH9151 – 3
Top View
Order Number TP3410J
See NS Package Number J28A
Pin Descriptions
Pin
Symbol
Description
No
24
GNDA
Negative power supply pins which must
9
GNDD1
be connected together close to the de-
23
GNDD2
vice All digital signals are referenced to
these pins which are normally at the sys-
tem 0V (Ground) potential
5VCCA
Positive power supply input for the analog
sections which must be a5V g5% and
must be directly connected to VCCD
8VCCD
Positive power supply input for the digital
section which must be a5V g5% and
must be directly connected to VCCA
21
MCLK
The 1536 MHz Master Clock input which
XTAL
requires either a parallel resonance crystal
to be tied between this pin and XTAL2 or
a CMOS logic level clock input from a sta-
ble source (a TTL Logic ‘‘1’’ level is not
suitable) This clock does not need to be
synchronized to the system clock (BCLK
and FS) see Section 51
20
XTAL2
The output of the crystal oscillator which
should be connected to one end of the
crystal if used otherwise this pin must be
left open-circuit
Not recommended to
drive additional logic
10
TSr
This pin has 2 functions in LT mode it is
SCLK
an open-drain n-channel TSr output which
goes low only during the time-slots as-
signed to the B1 and B2 channels at the
Br pin in order to enable the TRI-STATE
control of the backplane line-driver In NT
mode it is a full CMOS 1536 MHz syn-
chronous clock output which is frequency-
locked to the received line signal (unlike
the XTAL pins it is not free-running)
Pin
Symbol
Description
No
22 TSFS
The Transmit Superframe Sync pin which
indicates the start of each 12 ms transmit
superframe at the U Interface In NT mode
this pin is always an output In LT mode it
may be selected to be either an input or
CMOS output via Register CR2 when se-
lected as an output the signal is a square-
wave Must be tied low if selected as input
yet not driven
25 LSD RSFS This pin is an open-drain n-channel Line
Signal Detector output which is normally
high-impedance and pulls low only when
the device is powered down and an incom-
ing wake-up signal is detected from the
far-end As an option this pin can be pro-
grammed to be an output indicating the
start of the received superframe at the U
interface an external pull-up resistor is re-
quired
The RSFS signal indicates the start of
each 12 ms receive superframe from the U
Interface and is available in NT and LT
modes The Received Superframe Synch
clock output is accessible on pin 25 by
writing X’1C04 and X’100C (or X’100E)
during device initialization See TP3410
users manual AN-913
Part II Section
418)
1Loa
Transmit 2B1Q signal differential outputs
4Lob
to the line transformer When used with an
appropriate 115 step-up transformer and
the line coupling circuit recommended in
the Applications section the line signal
conforms to the output specifications in
the ANSI standard
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com