Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 4Page - National Semiconductor (TI) TP3410 Datasheet HTML 5Page - National Semiconductor (TI) TP3410 Datasheet HTML 6Page - National Semiconductor (TI) TP3410 Datasheet HTML 7Page - National Semiconductor (TI) TP3410 Datasheet HTML 8Page - National Semiconductor (TI) TP3410 Datasheet HTML 9Page - National Semiconductor (TI) TP3410 Datasheet HTML 10Page - National Semiconductor (TI) TP3410 Datasheet HTML 11Page - National Semiconductor (TI) TP3410 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Functional Description (Continued)
42 Embedded Operations Channel
The EOC channel consists of 2 complete 12-bit messages
per superframe distributed through the M1 M2 and M3 bits
of each half-superframe as shown in Table I Each message
is composed of 3 fields a 3-bit address identifying the mes-
sage destination a 1-bit indicator for the data mode ie
encoded message or raw data and an 8-bit information
byte The Microwire port or GCI Monitor Channel provides
access to the complete 12 bits of every message in the TX
EOC and the RXEOC Registers If one of the defined en-
coded messages is received eg
Send Corrupted CRC
then the appropriate Command Register instruction must be
written to the device to invoke the function
43 M4 Bits
The M4 bit position of every frame is a transparent channel
in which are transmitted data bits loaded from the M4 Trans-
mit Register TXM4 one byte per superframe On the re-
ceive side the M4 bits from one complete superframe are
sent to a checking circuit which holds each new M4 byte
and compares it against the previous M4 byte(s) for valida-
tion prior to sending it to the RXM4 Receive Register Regis-
ter OPR provides several options for control of this valida-
tion
44 Spare M5 And M6 Bits
Overhead bits M5 and M6 in frame 1 (M51 and M61) and
M5 in frame 2 (M52) are transparently transmitted from the
Transmit M56 Spare Bit Register to the line In the receive
direction data from these bit positions is sent to a checking
circuit which holds the new M5M6 spare bits and com-
pares them against the previous M5M6 bits for validation
prior to sending them to the Receive M56 Spare Bit Regis-
ter the OPR Register provides several options for control of
this validation
45 CRC Circuit
In the transmit direction an on-chip crc calculation circuit
automatically generates a checksum of the 2BaDaM4 bits
using the polynomial x12ax11ax3ax2axa1 Once per
superframe the crc is transmitted in the specified M5 and
M6 bit positions (see Table I) In the receive direction a
checksum is again calculated on the same bits as they are
received and at the end of the superframe compared
against the crc transmitted with the data The result of this
comparison generates a ‘‘Far End Block Error’’ bit (the febe
bit) which is transmitted back towards the other end of the
DSL in the next superframe If there are no errors in a super-
frame febe is set e 1 and if there is one or more errors
febe is set e 0
The TP3410 also includes a readable 8-bit Block Error
Counter BEC1 which is decremented by 1 each superframe
in which febe e 0 or nebe e 0 is received Section 105
describes the operation of this counter
On first application of power and after the software reset
(X’1880 X’1800) both the ECT1 as well as BEC1 are initial-
ized to X’FF See the Block Error Counter section for more
details
50 DIGITAL INTERFACE ALL FORMATS
51 Clocking
In LT applications (network end of the Loop) the Digital
System Interface (DSI) normally accepts BCLK and FS sig-
nals from the network requiring the selection of DSI or GCI
Slave mode in Register CR1 A Digital Phase-Locked Loop
(DPLL
2) on the TP3410 allows the MCLK frequency to be
plesiochronous (ie free-running) with respect to the net-
work clocks (BCLK and the 8 kHz FSa input) With a toler-
ance on the MCLK oscillator of 1536 MHz g100 ppm the
lock-in range of DPLL2 allows the network clock frequency
to deviate up to g50 ppm from nominal
In NT applications when the device is in NT mode and is
slaved to loop timing recovered from the received line sig-
nal DSI or GCI Master mode should normally be selected
In this case BCLK FS and SCLK (1536 MHz) signals are
outputs which are phase-locked to the recovered clock A
slave-slave mode is also provided however in which the
Digital Interface data buffers on the TP3410 allow BCLK
and FSab to be input from an external source which must
be frequency-locked (but may take an arbitrary phase) to
the received line signal in this case DSI or GCI Slave mode
should be selected
52 Data Buffers
The TP3410 buffers the 2BaD data at the Digital Interface
in elastic FIFOs which are 3 frames deep in each direction
When the Digital Interface is a timing slave these FIFOs
compensate for relative jitter and wander between the Digi-
tal Interface clocks (BCLK and FSab) and bit and frame
timing at the Line Interface Each buffer can absorb wander
up to 18 msin t 10 secs without ‘‘slip’’ exceeding CCITT
recommendation Q502 Excessive wander causes a con-
trolled slip of one complete frame
60 DIGITAL INTERFACE DATA FORMATS IN
MICROWIRE MODE (MW e 1)
When the MW pin is tied high to enable the Microwire Port
for control and status the Digital System Interface on the
TP3410 provides a choice of four multiplexed formats for
the B and D channel data as shown in
Figure 3 These
apply in both LT and NT modes of the device and selection
is made via Register CR1 Selection of DSI Master or Slave
mode must also be made in CR1 Within each format there
is also an independent selection available to either multiplex
the D channel (Tx and Rx) data on the same pins as the B
channels or via the separate D-channel access pins DCLK
Dx and Dr see Section 63
Format 1 In Format 1 the 2BaD data transfer is assigned
to the first 18 bits of the frame on the Bx and Br
pins Channels are assigned as follows B1 (8
bits) B2 (8 bits) D (2 bits) with the remaining
bits ignored until the next frame sync pulse
When the D channel port is enabled (see CR2)
only the 2 B channels use the Bx and Br pins the
D bits are assigned to the 17th and 18th bits of
the frame on the Dx and Dr pins
Figure 3-1
shows this format in DSI Slave Mode and
Figure
3-4 shows DSI Master Mode
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com