Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 13Page - National Semiconductor (TI) TP3410 Datasheet HTML 14Page - National Semiconductor (TI) TP3410 Datasheet HTML 15Page - National Semiconductor (TI) TP3410 Datasheet HTML 16Page - National Semiconductor (TI) TP3410 Datasheet HTML 17Page - National Semiconductor (TI) TP3410 Datasheet HTML 18Page - National Semiconductor (TI) TP3410 Datasheet HTML 19Page - National Semiconductor (TI) TP3410 Datasheet HTML 20Page - National Semiconductor (TI) TP3410 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Functional Description (Continued)
90 COMMAND REGISTER FUNCTIONS
All addressing and bit-level functions are the same for both
the Microwire and GCI Monitor Channels except where not-
ed Register addresses are listed in Table II An asterisk
indicates the Power-on Reset state of each function The
device modes and Transmit M bits should be programmed
while the device is powered down
91 Writing to Command Registers
A command may be written to a register to modify its con-
tents by setting byte 1 bit 0e0 Registers CR1 2 3 OPR
and the Time-Slot Assignment registers may also be read-
back to verify the contents by addressing each register with
byte 1 bit 0e1 In Microwire Mode if the device has no data
waiting to be read during a command cycle it will return
X 0000 (No Change)
92 Reading Back Command Registers for Verification
To read back the current state of one of the write-able regis-
ters the appropriate readback command must first be load-
ed in via the control channel this will cause an interrupt to
be sent to the interrupt stack In Microwire mode the inter-
rupt must be serviced by a read cycle in which the com-
mand should be a NOP (or a new command) In this cycle
the previously addressed register is read back with byte 1
bit 0e1 In GCI mode the interrupt stack generates an au-
tonomous one-way message in the Monitor Channel If any
other interrupt conditions should occur during the readback
command cycle the readback result will be queued at the
bottom of the stack and will not generate its interrupt or
message until all other interrupts are cleared
93 Configuration Register CR1 Digital Interface
Byte 2
7
6
543
2
1
0
FF1
FF0
CK2
CK1
CK0
DDM
CMS
BEX
CR1 is set to X 00 at Power-On Reset
FF1 FF0 Digital System Interface Frame Format
Selection
These bits are effective in Microwire Mode only (MWe1)
They select the Digital Interface format as described in Sec-
tion 6
Format
FF1
FF0
10
0
20
1
31
0
41
1
CK0 – CK2 Digital Interface Clock Select
In Microwire Mode only and if DSI Master is selected (CMS
e
1) CK0 – CK2 bits select from a choice of 5 frequencies
for the BCLK output (In GCI Mode these bits have no ef-
fect) The frequency of 256 kHz is not valid with Format 4
CK2
CK1
CK0
BCLK Frequency
000
256 kHz Master
0
0
1
512 kHz Master
0
1
0
1536 kHz Master
0
1
1
2048 kHz Master
1
0
0
2560 kHz Master
DDM Delayed Data Mode Select
For Microwire mode see Section 61 FS Relationship to
Data In GCI Mode or Format 4 this bit has no effect
DDM e 0 for non-delayed data mode (see
Figure 11 )
DDM e 1 for delayed data mode (see
Figure 12 )
CMS DSI Clock MasterSlave Select
In Microwire Mode (MW e 1)
CMS e 0 for DSI Slave may be used in either LT or NT
Modes
CMS e 1 for DSI Master may be used in either LT or NT
Modes but when in LT Mode must also send X 1840 See
the TP3410 User’s Manual AN-913 Section 45 for details
In GCI Mode (MW e 0) this bit has no effect the MO pin
selects GCI Master or Slave
BEX B Channel Exchange
This command enables the two B channels to be ex-
changed as the data passes through the device between
the Digital Interface and the Line in both directions It should
not be used if any loopback is selected in the device
BEX e 0 for B channels mapped direct B1 to B1 and B2
to B2
BEX e 1 for B channels exchanged B1 to B2 and B2 to B1
94 Configuration Register CR2 Device Modes
Byte 2
76
5
4
3
2
1
0
SSS
NTS
DMO
DEN
DD
BP1
BP2
0
CR2 is set to X 00 at Power-On Reset
SSS Superframe Synchronization Select
This bit is effective in LT mode only in NT mode the SFS pin
is an output When SSS e 0 SFS is an input which syn-
chronizes the transmit superframe counter on the line
When SSS e 1 SFS is an output superframe marker pulse
NTS NT or LT Select
NTS e 0 for LT Mode
NTS e 1 for NT Mode
DEN D Channel Port Select
When DEN e 0 the D channel port is disabled and the D
bits are transferred on the Br and Bx pins clocked by BCLK
The Dx pin must also be tied to GND for correct operation
When DEN e 1 the D channel port is enabled D bits are
transferred on the Dr and Dx pins in a mode selected by the
DMO bit see Section 63
DMO D Channel Transfer Mode Select
This bit is significant only when the D channel port is select-
ed (DEN bit e 1)
When DMO e 1 D channel data is shifted in and out on Dx
and Dr pins in a continuous mode at 16 kbits on the falling
and rising edges of DCLK respectively see
Figure 4
When DMO e 0 D channel data is shifted in and out on Dx
and Dr pins in a burst mode at the BCLK frequency when
the assigned time-slots are active see
Figure 5
DD 2BaD Data Disabling
When DD e 0 2BaD channel transfer is enabled as soon
as the line is completely synchronized
When DD e 1 B and D channel transfer is inhibited The
data transmitted to line is preset to send scrambled 1’s with
the device in NT mode or scrambled 0’s if the device is in LT
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com