Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 7Page - National Semiconductor (TI) TP3410 Datasheet HTML 8Page - National Semiconductor (TI) TP3410 Datasheet HTML 9Page - National Semiconductor (TI) TP3410 Datasheet HTML 10Page - National Semiconductor (TI) TP3410 Datasheet HTML 11Page - National Semiconductor (TI) TP3410 Datasheet HTML 12Page - National Semiconductor (TI) TP3410 Datasheet HTML 13Page - National Semiconductor (TI) TP3410 Datasheet HTML 14Page - National Semiconductor (TI) TP3410 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Functional Description (Continued)
61 FS Relationship To Data (Microwire Mode)
For applications on a line-card in DSI Slave Mode the B
and D channel slots can be interfaced to a Time-Division
Multiplexed (TDM) bus and assigned to a time-slot The rep-
etition rate of the FS input signals must be 8 kHz and must
be synchronized to the BCLK input which may be any fre-
quency from 256 kHz to 4096 MHz in 8 kHz increments
Two different relationships may be established between the
FS inputs and the actual time-slots on the PCM busses by
setting the DDM bit in Control Register CR1 see
Figures 3
11 and 12 Non-delayed data mode is similar to long frame
timing on the TP305060 series of devices (COMBO I) the
time-slots are defined by the 8-bit duration FSa and FSb
signals The alternative is to use Delayed Data Mode which
is similar to short frame sync timing on COMBO I in which
each FS input indicates the start of the first time-slot
Serial B channel data is shifted into the Bx input during each
assigned Transmit time-slot on the falling edges of BCLK
During each assigned Receive time-slot the Br output shifts
data out on the rising edges of BCLK Also with the device
in LT Mode the TSr pin is an open drain n-channel pull-
down output which goes low during the selected time-slots
for the received B1 and B2 channels at the Br pin to control
the TRI-STATE Enable of a backplane line-driver it is high-
impedance at all other times
In NT Mode when DSI Master mode is selected FSa and
FSb are outputs indicating the B1 (or TS0) and the B2 (or
TS1) channels respectively BCLK is also an output at the
serial data shift rate which is dependent on the format se-
lected Again either a delayed or non-delayed relationship
between FSa FSb and the start of the first time-slot can be
selected
62 B Channel Time-slot Assignment Format 3 Only
(Microwire Mode)
In Format 3 only the TP3410 provides programmable time-
slot assignment for selecting the Transmit and Receive B
channel time-slots Following power-on the device is auto-
matically in Non-delayed Data Mode if Delayed Data Mode
is required it must first be selected (see CR1) prior to using
Time-slot Assignment and the FS pulses must conform to
the Delayed Data timing format The actual transmit and
receive time-slots are then determined by the internal Time-
slot Assignment counters programmed via Control Regis-
ters TXB1 TXB2 RXB1 and RXB2 Normally used in DSI
Slave mode Format 3 allows a frame to consist of up to 64
time-slots of 8 bits each with BCLK up to 4096 MHz
A new assignment becomes active on the second frame
following the end of the 16-bit Chip Select
63 D Channel Port Selection (Microwire Mode)
In any of the DSI Formats the 2 D channel bits per frame
may either be multiplexed with the B channels on the Bx
and Br pins or may be accessed via the separate D channel
port consisting of Dx and Dr Furthermore when using the
separate D port the data shift clock may either be a continu-
ous unframed data stream using the 16 kHz clock output at
DCLK see
Figure 4 or may use the BCLK see Figure 5
Selection of these options is via Control Register CR2
64 D Channel Time-Slot Assignment
In addition to B channel TSA Format 3 allows independent
Time Slot Assignment for the Transmit and Receive D chan-
nels which may be programmed via Registers TXD and
RXD As with the B channels up to 64 time-slots are avail-
able if BCLK e 4096 MHz and in addition the 2 D bits may
be assigned in pairs to specific bit locations within the
time-slot that is in bits 1 and 2 3 and 4 5 and 6 or 7 and 8
D channel TSA may be used either with the D channel multi-
plexed with the B channel data or with the separate D
Channel port clocked with BCLK it cannot be used with the
16 kHz clock option at DCLK
Summary of DSI Slave Mode Options
Function
Format Number
1
234
FSa
Tx B1
Tx B1
Tx TS0
Tx B1
FSb
Rx B1
Rx B1
Rx TS0
Rx B1
Non-Delayed Timing
Yes
No
Yes
Yes
Delayed Timing
Yes
Yes
Yes
No
Tx and Rx Frames with
Yes
Yes
Yes
Yes
Any Phase
TSA Available
No
No
Yes
No
D Port Available
Yes
Yes
Yes
Yes
Summary of DSI Master Mode Options
Function
Format Number
1234
FSa
B1
B1
TS0
B1
FSb
B2
B2
TS1
B2
FS Formats
Non-
Delayed
Non-
Non-
Delayed
Only
Delayed Delayed
and
and
Only
Delayed
Delayed
TSA Available
No
No
Yes
No
D Port Available
Yes
Yes
Yes
Yes
Note
All Formats Tx and Rx frames always aligned
TLH9151 – 11
FIGURE 4 D-Port Interface Timing Using DCLK in 16 kHz Mode
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com