Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 20Page - National Semiconductor (TI) TP3410 Datasheet HTML 21Page - National Semiconductor (TI) TP3410 Datasheet HTML 22Page - National Semiconductor (TI) TP3410 Datasheet HTML 23Page - National Semiconductor (TI) TP3410 Datasheet HTML 24Page - National Semiconductor (TI) TP3410 Datasheet HTML 25Page - National Semiconductor (TI) TP3410 Datasheet HTML 26Page - National Semiconductor (TI) TP3410 Datasheet HTML 27Page - National Semiconductor (TI) TP3410 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Functional Description (Continued)
Deactivation is initiated by writing the DR command in the
Activation Control Register causing ‘‘dea’’e0 to be trans-
mitted towards the NT When the NT ceases to transmit
confirmation of deactivation is provided by a DI Status indi-
cator
117 NT Mode ActivationDeactivation
If activation is initiated by the upstream (LT mode) end with
the NT either powered up or down a Line Signal Detect
Interrupt will be generated on detection of the 10 kHz
‘‘wake-up’’ tone The Activation Indication Register will
show this condition and if the device is powered down the
LSD pin will be pulled low To proceed with the activation
sequence all registers must be programmed appropriately
(see Note 1) and the device must then be powered up The
use of the commands and status indicators is the same
whether activation is initiated locally or in response to the
Line Signal Detect Interrupt An AR command will enable
the device to automatically proceed with the activation se-
quence An internal 15s default timer is also started (in
North America the timer value should be 15 seconds if a
single DSL section is being activated) See TP3410 User’s
Manual for additional information on activation and deacti-
vation
The sequence continues until the NT acquires superframe
synchronization on the SL2 signal received from the LT At
this point an AP Interrupt is generated and the device starts
transmitting SN3 with ‘‘act’’ e 0 To complete activation
normally when the NT has detected INFO3 signals from a
TE the ‘‘act’’ bit must be set e 1 by writing the AC com-
mand to the Activation Control Register An AI Status indi-
cation will finally be generated by the device when the loop
is fully synchronized and receiving SL3 frames with
‘‘act’’e1 this is automatically validated 3 times regardless
of the options selected in Register OPR The loop is then
fully activated with all channels in the data stream available
for use
If activation is not successfully completed before expiry of
the 15s timer the device generates an EI followed by a DI
fault indication and ensures that the Activation Sequencer
returns to the Full Reset state prior to any re-attempt to
activate
Deactivation is normally initiated by the LT which sets
‘‘dea’’e0 towards the NT The TP3410 in NT mode will
detect and validate this bit 3 times prior to setting the DP
interrupt (regardless of the options selected in OPR) Trans-
mission will cease when it is detected that the far-end signal
has ceased after which the device enters the Reset state
and generates a DI Interrupt to indicate that deactivation is
complete
Note 1
The M45 bit conveys an indication of whether the NT can support a
warm-start procedure (the ‘‘cso’’ bit) Since the TP3410 automati-
cally supports both cold and warm start set ‘‘cso’’e0
Applications Information
LINE INTERFACE CIRCUIT
The transmission performance obtainable from a TP3410
U-interface is strongly dependent on the line interface circuit
(LIC) design Two designs shown in
Figures 9 and 10 are
recommended They should be adhered to strictly The
channel response and insertion losses of these circuits
have been carefully designed as an integral part of the over-
all signal processing system to ensure the performance re-
quirements are met under all specified loop conditions De-
viations from these designs may result in sub-optimal per-
formance or even total failure of the system to operate on
some types of loops
The standare LIC
(Figure 9) has the advantage of back-
wards compatibility with Rev 2x devices together with a
generally lower component sensitivity The TP3410 must be
configured to select the chosen LIC For the standard LIC
set saif e 1 in register CR4 This is the default configura-
tion
The alternative LIC
(Figure 10) does not use lineside surge
limiting resistors and so has advantages where line power-
ing is required To configure the TP3410 for the alternative
LIC set saif e 0
Transformer parameters form a major part of the LIC Two
of the most important are
Turns Ratio
Chip side (primary) Line side (secondary)
e
115
Secondary inductance
LS e 27 mH g5% at 1 kHz
For more details on transformer specification and for a list
of qualified vendors
see the TP3410 User’s Manual
AN-913
BOARD LAYOUT
While the pins of the TP3410 are well protected against
electrical misuse it is recommended that the standard
CMOS practice of applying GND to the device before any
other connections are made should always be followed In
applications where the printed circuit card may be plugged
into a hot socket with power and clocks already present an
extra long ground pin on the connector should be used
Great care must be taken in the layout of the printed circuit
board in order to preserve the high transmission perform-
ance of the TP3410 To maximize performance do not use
the philosophy of separating analog and digital grounds on
the board The 3 GND pins should be connected together
as close as possible to the pins and the 2 VCC pins should
be strapped together All ground connections to each de-
vice should meet at a common point as close as possible to
the 3 GND pins in order to prevent the interaction of ground
return currents flowing through a common bus impedance
A decoupling capacitor of 01 mF should be connected from
this common point to the VCC pins Taking care with the pcb
layout in the following ways will also help prevent noise in-
jection into the receiver front-end and maximize the trans-
mission performance
1 Keep the crystal oscillator components away from the
receiver inputs and use a ground plane for shielding
around these components
2 Keep the connections between the device and the com-
ponents on the Lig inputs short
3 Keep the connections between the device and trans-
former short
ADDITIONAL INFORMATION
For more in-depth information on a variety of applications
the TP3410 Users Manual AN-913 is a comprehensive
guide to the hardware and software required to meet the
ANSI interface specification
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com