Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 9Page - National Semiconductor (TI) TP3410 Datasheet HTML 10Page - National Semiconductor (TI) TP3410 Datasheet HTML 11Page - National Semiconductor (TI) TP3410 Datasheet HTML 12Page - National Semiconductor (TI) TP3410 Datasheet HTML 13Page - National Semiconductor (TI) TP3410 Datasheet HTML 14Page - National Semiconductor (TI) TP3410 Datasheet HTML 15Page - National Semiconductor (TI) TP3410 Datasheet HTML 16Page - National Semiconductor (TI) TP3410 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Functional Description (Continued)
The TP3410 has an enhanced MICROWIRE port such that it
can connect to standard MICROWIRE master devices (such
an NSC’s HPC and COP families) as well as the SCP (serial
control port) interface master from the Motorola micro-con-
troller family
SCP is supported on devices such as
MC68302 or the MC145488 HDLC
TP3410 supports two popular formats used in typical termi-
nal equipment applications
1 CCLK idling LOW when CS pin is inactive HIGH pulsing
LOWHIGHLOW for 16 clocks then returning back to
LOW for idle condition Data is output on CO pin on the
negative edge and data sampled in on the positive edge
of CCLK This format (shown in
Figure 14b ) is normally
used with NSC’s microcontrollers from the HPC or the
COP8 family
2 CCLK idling HIGH when CS pin inactive HIGH pulsing
HIGHLOWHIGH for 17 clocks then returning back to
HIGH for idle condition Data is output on CO pin on the
negative edge and data sampled in on the positive edge
of CCLK This format (shown in
Figure 14c ) is normally
used with other alternate microcontrollers in the industry
The first 16 clock pulses are the normal low-going pulses
to shift and sample the microwire data The 17th pulse is
generated with software
by toggling the CCLK clock
polarity bit on the SCP port of MC6302 or MC145488 It
is necessary to deactivate the CS pin (bring it high) while
the CCLK is low as shown in
Figure 14c
80 GCI MODE (MWe0)
Selected by tying the MW pin low the GCI interface is de-
signed for systems in which PCM and control data are multi-
plexed together into 4 contiguous bytes per 8 kHz frame
Furthermore in Subscriber Line Cards and NT1 – 2’s (where
the Digital Interface is slaved to external timing) up to 8 GCI
channels may be carried in 1 frame of a GCI multiplex with
a combined bit rate from 256 kbs up to 3088 kbs Pin-pro-
grammable GCI-channel assignment for 8 GCI channels is
provided
Note that GCI mode on the TP3410 requires messages in
the Embedded Operations Channel to be processed by a
local microcontroller In Line card and TE applications GCI
mode can be used with a device such as the TP3451 HDLC
controller to provide the interface for the microcontroller to
access the EOC Registers To use the device in an NT-1 or
Regenerator a microcontroller is required and Microwire
mode should be used on the TP3410
81 GCI Physical Interface
The interface physically consists of four wires
Transmit data to line
Bx
Receive data from line
Br
Bit clock at 2 cyclesbit
BCLK
8 kHz frame sync
FSa
Data is synchronized by the BCLK and FSa clock inputs
FSa insures re-initialization of the time-slot counter at the
beginning of each 8 kHz frame with the rising edge of FSa
being the reference time for the first GCI channel bit Data is
clocked in both directions at half the BCLK input frequency
Data bits are output from the device on a rising edge of
BCLK and sampled on the second falling edge of BCLK
unused slots are high impedance Br is an open-drain n-
channel output with internal detection for contention resolu-
tion on the Monitor and CI channels between devices at-
tempting to use the same GCI channel (typically in a TE
application)
A device may be either the Master or Slave of the GCI tim-
ing As a Master it is the source of BCLK FSa and FSb
which are synchronized to the data received from the line
and GCI channel 0 is always used As a GCI Slave BCLK
and FSa must be sourced externally typically from a system
backplane and pins S0 – S2 must be connected high or low
to select the required GCI channel To use the single chan-
nel mode a 512 kHz BCLK is required and S2 S1 and S0
must be connected to GND (GCI Channel 0) To use the
multiplex mode with a GCI Slave device the 4 pins are com-
moned between up to 8 devices forming a ‘‘wire-AND’’ con-
nection with the Br pins The BCLK frequency must be at
least n c 512 kHz where n is the number of devices In fact
BCLK may be operated up to 6144 kHz if required to leave
up to 4 additional GCI channels unoccupied by TP3410’s
(and available for other uses) Clock and channel selection
are shown in the following table
Pin Name
LT and NT1 – 2
NT1 and TE
MW
0
0
MO
0 (GCI Slave)
1 (GCI Master)
S2CLS
S2 (msb)
CLSe0
512 kHz
CLSe1 1536 kHz
S1
S1
0
S0FSb
S0 (lsb)
FSb
TLH9151 – 15
FIGURE 6 Microwire Control Port Timing MW e 1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com