Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  TP3410 Datasheet HTML 1Page - National Semiconductor (TI) TP3410 Datasheet HTML 2Page - National Semiconductor (TI) TP3410 Datasheet HTML 3Page - National Semiconductor (TI) TP3410 Datasheet HTML 4Page - National Semiconductor (TI) TP3410 Datasheet HTML 5Page - National Semiconductor (TI) TP3410 Datasheet HTML 6Page - National Semiconductor (TI) TP3410 Datasheet HTML 7Page - National Semiconductor (TI) TP3410 Datasheet HTML 8Page - National Semiconductor (TI) TP3410 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Pin Descriptions (Continued)
PIN DESCRIPTIONS SPECIFIC TO MICROWIRE MODE
ONLY (MWe1)
Pin
Symbol
Description
No
2Lia
Receive 2B1Q signal differential inputs
3Lib
from the line transformer For normal full-
duplex operation these pins should be
connected to the Log pins through the
recommended coupling circuit as shown
in the Applications section
28
MW
The MicrowireGCI Select pin which must
be tied to VCCD to enable the Microwire
Interface with any of the data formats at
the Digital System Interface
12
BCLK
The Bit Clock pin which determines the
data shift rate for ‘B’ and ‘D’ channel data
on the digital interface side of the device
When Digital System Interface (DSI) Slave
mode is selected (see Digital Interfaces
section) BCLK is an input which may be
any multiple of 8 kHz from 256 kHz to
4096 MHz It need not be synchronous
with MCLK
When DSI Master mode is selected this
pin is a CMOS output clock at 256 kHz
512 kHz 1536 MHz 2048 MHz or 256
MHz depending on the selection in Com-
mand Register 1 It is synchronous with
the data on Bx and Br
6
FSa
In DSI Slave mode this pin is the Transmit
Frame Sync pulse input requiring a posi-
tive edge to indicate the start of the active
channel time for transmit B1 channel data
into Bx In DSI Master mode this pin is a
Frame Sync CMOS output pulse conform-
ing with the selected Digital Interface for-
mat
7
FSb
In DSI Slave mode this pin is the Receive
Frame Sync pulse input requiring a posi-
tive edge to indicate the start of the active
channel time of the device for receive B
channel data out from Br (see DSI Format
section) In DSI Master mode this pin is a
Frame Sync CMOS output pulse conform-
ing with the selected Digital Interface for-
mat
13
Bx
The digital input for B and if selected D
channel data to be transmitted to the line
must be synchronous with BCLK
11
Br
The TRI-STATE output for B and if select-
ed D channel data received from the line
it is synchronous with BCLK
18
CI
The Microwire control channel data input
19
CO
The Microwire control channel TRI-STATE
output for status information When not
enabled by CS this output is high-imped-
ance
Crystal specifications 1536 MHz g50 ppm parallel resonant RS s 20X
Load with 33 pF to GND each side (a7 pF due to pin capacitance)
Pin
Symbol
Description
No
17
CCLK
The Microwire control channel Clock input
which may be asynchronous with BCLK
27
CS
The Chip Select input which enables the
Control channel data to be shifted in and
out when pulled low When high this pin
inhibits the Control interface
26
INT
The Interrupt output a latched open-drain
output signal which is normally high-im-
pedance
and goes low to indicate a
change of status of the loop transmission
system This latch is cleared when the
Status Register is read by the microproc-
essor
16
Dx
When the D-port is enabled this pin is the
digital input for D channel data to be trans-
mitted to the line clocked by DCLK or
BCLK see Register CR2 When the D-port
is disabled via CR2 this pin must be tied to
GND
15
Dr
When the D-port is enabled this pin is the
TRI-STATE output for D channel data to
be received from the line clocked by DCLK
or BCLK see Register CR2
14
DCLK
When the D-port is enabled in DSI Slave
or Master mode this is a 16 kHz clock
CMOS output for D channel data When
the D-port is disabled or not used this pin
must be left open-circuit
PIN DESCRIPTIONS SPECIFIC TO GCI MODE ONLY
(MWe0)
Pin
Symbol
Description
No
28
MW
The MicrowireGCI select input
which
must be tied to GND to enable the GCI
mode at the Digital System Interface
27
MO
The GCI MasterSlave select input for the
clock direction Connect this pin low to se-
lect BCLK and FSa as inputs ie
GCI
Slave Selection of LT or NT mode must
be made in register CR2 When MO is con-
nected high NT Mode is automatically se-
lected and BCLK FSa and FSb are out-
puts ie the GCI Master see Section 8
12
BCLK
The Bit Clock pin which controls the shift-
ing of data on the Bx and Br pins at a rate
of 2 BCLK cycles per data bit When GCI
Slave mode is selected (see Digital Inter-
faces section) BCLK is an input which
may be any multiple of 16 kHz from
512 kHz to 6144 MHz It need not be syn-
chronous with MCLK
When GCI Master mode is selected this
pin is a CMOS output clock at 512 kHz or
1536 MHz depending on the connection
of the S2CLS pin It is synchronous with
the data on Bx and Br
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com