Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 5Page - National Semiconductor (TI) TP3410 Datasheet HTML 6Page - National Semiconductor (TI) TP3410 Datasheet HTML 7Page - National Semiconductor (TI) TP3410 Datasheet HTML 8Page - National Semiconductor (TI) TP3410 Datasheet HTML 9Page - National Semiconductor (TI) TP3410 Datasheet HTML 10Page - National Semiconductor (TI) TP3410 Datasheet HTML 11Page - National Semiconductor (TI) TP3410 Datasheet HTML 12Page - National Semiconductor (TI) TP3410 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Functional Description (Continued)
Format 2 Format 2 is the IDL in which the 2BaD data
transfer is assigned to the first 19 bits of the
frame on the Bx and Br pins Channels are as-
signed as follows B1 (8 bits) D (1 bit) 1 bit ig-
nored B2 (8 bits) D (1 bit) with the remaining
bits ignored until the next frame sync pulse
Fig-
ure 3-2 shows this format in DSI Slave Mode and
Figure 3-5 shows DSI Master Mode
Format 3 This format provides time-slot assignment capa-
bility for the B1 and B2 channels which can be
independently assigned to any 8-bit wide time-
slot from 64 (or less) on the Bx and Br pins the
Transmit and Receive directions are also inde-
pendently assignable Also the D channel can be
assigned to any 2-bit wide time-slot from 256 (or
less) on the Bx and Br pins (D port disabled) or
on the Dx and Dr pins (see D-Channel Port sec-
tion)
Figure 3-3 shows this format in DSI Slave
Mode and
Figure 3-6 shows DSI Master Mode
see also Section 62
Format 4 This is similar to the GCI format for the 2BaD
channels but excludes the Monitor channel and
CI channel Channels are assigned to the first
26 bits of each frame as follows B1 (8 bits) B2
(8 bits) ignored (8 bits) D (2 bits) The remaining
bits in the frame are ignored until the next frame
sync pulse The relationship between BCLK and
data is the same as in the GCI mode for GCI
Channel 0 see
Figure 7 (in DSI Master Mode
BCLK e 512 kHz and FSa is a square wave out-
put)
TLH9151 – 5
FSa defines B1 channel for Tx
FSb defines B1 channel for Rx
FIGURE 3-1 DSI Format 1 Slave Mode
TLH9151 – 6
Delayed timing mode must be selected
Time-slot immediate mode only (no TSA)
FIGURE 3-2 DSI Format 2 (IDL) Slave Mode
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com