Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 15Page - National Semiconductor (TI) TP3410 Datasheet HTML 16Page - National Semiconductor (TI) TP3410 Datasheet HTML 17Page - National Semiconductor (TI) TP3410 Datasheet HTML 18Page - National Semiconductor (TI) TP3410 Datasheet HTML 19Page - National Semiconductor (TI) TP3410 Datasheet HTML 20Page - National Semiconductor (TI) TP3410 Datasheet HTML 21Page - National Semiconductor (TI) TP3410 Datasheet HTML 22Page - National Semiconductor (TI) TP3410 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Functional Description (Continued)
RFS Remote Febe Select
RFS e1 (default state)
The state of the outgoing bit is computed based on the state
of the TFB (bit 1) in TXM56 register The TFB blt is set e 0
by the software to allow a febe blt from an adjacent DSL to
be forwarded to the next section in the next superframe
This bit is self resetting (to 1) in Rev 3x devices This is a
change from the Rev 2x devices If RFS e 0 then the
outgoing febe does not depend on the state of the TFB blt
in TXM56 register
LFS Local Febe Select
LFS e1 (default state)
The state of the outgoing febe bit is computed using the
incoming nebe blt If LFS e 0 the outgoing febe is not
dependent on the incoming nebe
Example of use
A flexible control of the outgoing febe bit is provided to sup-
port the Segmented and Path Performance Monitoring rec-
ommendations in Bellcore TR 397
For Rev 28 type operation set RFS e 1 LFS e 1 and
TFB0 e 1 This setting will cause the transmit febe to be
computed as OR of the incoming nebe blt and the state of
the TFB bit in TXM56 (representing the adjacent section
febe to be forwarded)
97 Configuration Registers TXB1 TXB2 RXB1
RXB2 B Channel TSA
These registers are effective only when Format 3 is select-
ed
TXB1 assigns the Transmit time slot for the B1 channel
TXB2 assigns the Transmit time slot for the B2 channel
RXB1 assigns the Receive time slot for the B1 channel
RXB2 assigns the Receive time slot for the B2 channel
Register TXB1
Byte 2
7
6
543210
0
0
TS5
TS4
TS3
TS2
TS1
TS0
At Power-On Reset this register is initialized to X 00
Register TXB2
Byte 2
7
6
543210
0
0
TS5
TS4
TS3
TS2
TS1
TS0
At Power-On Reset this register is initialized to X 01
Register RXB1
Byte 2
7
6
543210
EB1
ED
TS5
TS4
TS3
TS2
TS1
TS0
At Power-On Reset this register is initialized to X 00
Register RXB2
Byte 2
7
6
543210
EB2
0
TS5
TS4
TS3
TS2
TS1
TS0
At Power-On Reset this register is initialized to X 01
B Channels Time-Slot Assignment TS5 – TS0
The TS5 – TS0 bits define the binary number of the time-slot
when the B channel selected is shifted to or from the Bx and
Br pins time-slots are numbered from 0 to 63 New time-slot
assignments become effective only at the beginning of a
frame
B1 and D Channel Enables EB1 ED
EB1 e 0 to disable the B1 channel B1 is high-impedance
at Br
EB1 e 1 to enable the B1 channel (must also set DDe0in
CR2)
ED e 0 to disable the D channel D is high-impedance at
Br or Dr
ED e 1 to enable the D channel (must also set DDe0in
CR2)
B2 Channel Enable EB2
EB2 e 0 to disable the B2 channel B2 is high-impedance
at Br
EB2 e 1 to enable the B2 channel (must also set DDe0in
CR2)
98 Configuration Register TXD
Transmit D Channel TSA
This register is effective only when Format 3 is selected D
channel TSA may be used when the D channel is accessed
either via the BxBr or DxDr pins but the D channel port
must be clocked with BCLK (DMO e 0 in CR2)
Byte 2
765432
1
0
DX5
DX4
DX3
DX2
DX1
DX0
SX1
SX0
At Power-On Reset this register is initialized to X 08
Transmit D Channel Time-Slot Assignment Select
DX5 – DX0 SX1 – SX0
DX5 – DX0 bits define the binary number of the 8-bit wide
time-slot where time-slots are numbered from 0 to 63 With-
in this selected time-slot the SX1 and SX0 bits define the 2-
bit wide sub-slot for the 2 D channel bits Sub-slots are num-
bered 0 to 3 as shown in
Figures 5 11 and 12 and the
following table New time-slot and sub-slot assignments be-
come effective only at the beginning of a frame
Sub-Slot
Bit Positions
SX1
SX0
within Time-Slot
0
0
1 2
0
1
3 4
1
0
5 6
1
1
7 8
99 Configuration Register RXD
Receive D Channel TSA
This register is effective only when Format 3 is selected D
channel TSA may be used when the D channel is accessed
either via the BxBr or DxDr pins but the D channel port
must be selected in the burst mode (DMO e 0 in CR2)
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com