Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 14Page - National Semiconductor (TI) TP3410 Datasheet HTML 15Page - National Semiconductor (TI) TP3410 Datasheet HTML 16Page - National Semiconductor (TI) TP3410 Datasheet HTML 17Page - National Semiconductor (TI) TP3410 Datasheet HTML 18Page - National Semiconductor (TI) TP3410 Datasheet HTML 19Page - National Semiconductor (TI) TP3410 Datasheet HTML 20Page - National Semiconductor (TI) TP3410 Datasheet HTML 21Page - National Semiconductor (TI) TP3410 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Functional Description (Continued)
mode and the 2BaD slots at the receive digital interface
port(s) are in the high impedance state
BP1 Not Used
This bit is not used and should always be set to zero
BP1 e 0
BP2 Activation Breakpoint
This bit is effective only in LT mode It provides for the start-
up sequence to be either automatically controlled by the
TP3410 or for the external controller to be able to halt the
sequence at J7 The controller can complete start-up by
sending ‘‘AC’’ to the ACT register (X 440C) For more infor-
mation see Section 110 ActivationDeactivation
BP2 e 0 for Breakpoint disabled
BP2 e 1 for Breakpoint enabled
95 Configuration Register CR3 Loopbacks
Byte 2
7
6
543
2
1
0
LB1
LB2
LBD
DB1
DB2
DBD
TLB
0
CR3 is set to X 00 at Power-On Reset
Line Loopbacks Select LB1 LB2 LBD
LB1 LB2 LBD bits when set e 1 loopback each individual
B1 B2 or D channel respectively from the line receive input
to the line transmit output They may be set separately or
together Each loopback is operated near the Bx and Br
digital interface pins (or Dx and Dr if the D port is selected)
These loopbacks may be either transparent that is data
received from the line is also passed on to the digital inter-
face or non-transparent in which case the selected chan-
nel bits on the digital interface are in the high impedance
state transparency is controlled by the TLB bit
Digital Loopbacks Select DB1 DB2 DBD
DB1 DB2 and DBD bits when set e 1 turn each individual
B1 B2 or D channel respectively from the Bx input to the Br
output (or Dx and Dr if the D port is selected) They may be
set separately or together Each loopback is operated near
the digital interface pins if Format 3 is selected there is no
restriction on the time-slots selected for each direction
These loopbacks may be either transparent that is data
received from the Bx or Dx input is also transmitted to the
line or non-transparent in which case the selected channel
bits to the scrambler are forced low in LT mode or high in
NT mode transparency is controlled by the TLB bit
TLB Transparent Loop-Back Enabling
TLB e 0 for non-transparent loopbacks (B1 B2 or D chan-
nel)
TLB e 1 for transparent loopbacks
96 Configuration Register CR4 Device Control
A new configuration register (CR4) has been added to the
Rev 3 TP3410 device to allow control of new features
Please also see TP3410 Users Manual AN-913
Address X 2C
Byte 2
76
5
4
3
2
1
0
SH9
AACT
WS
333 Hz
saif
TFB0
RFS
LFS
CR4 is set to X 0F at Power-On Reset
SH9 Software H9 Control Bit
SH9 e 0 (default state)
In NT mode while SH9 e 0 a rev 3x device in state H6 H7
or H8 H11 will enter the H9 state in response to receiving
‘‘dea e 0’’ for 3 consecutive superframes and then exit
after 60 ms (to prevent a ‘‘hang up condition’’) to H12 With
SH9 e 1 a TP3410 Rev 33 device in state H6 H7 or H8
H11 will generate a DP interrupt when it receives the ‘‘dea
e
0’’ bit but is prevented from transitioning to device state
H9 The device will still deactivate in response to loss of
signal Deactivating in this manner will however cause the
NT mode device to perform a cold start only on subsequent
activation attempts The WS bit may be set e 1 for the
device to attempt a warm start
AACT Activation Control Bit
AACT e 0 (default state)
AACT e 1 enables auto-activation in either LT or NT
modes AACT e 0 disables it (default state) and the device
behaves normally Auto-activation can be used in applica-
tions such as Linecard to allow the device to respond to an
incoming 10 kHz wake-up tone (LSD) by powering itself up
(PUP) and starting the activation procedure (AR) within the
device
WS Warm Start
WS e 0 (default state)
If this bit is set e 1 a Rev 33 device will attempt Warm
Start activation after a deactivation This function should
only be necessary where Warm Start is preferred but
SH9 e 1 is required
333 Hz Maintenance Test Tone
333 Hz e 0 (default state)
333 Hz e 1 enables 333 Hz tone for Maintenance test
modes (Bellcore requirement)
333 Hz e 0 disables it This test tone is to be used in power
up (after PUP) state but not activated
Example of use
Write PUP X 2C1F to enable 333 Hz test tone X 2C0F to
disable 333 Hz tone
saif Select Analog Interface
saif e 1 (default state)
saif e 1 indicates operation with the standard line interface
that is compatible with Rev 2x devices saif e 0 indicates
use of the alternative line interface circuit with 0X on the
line-side of the transformer This circuit can provide benefit
for linecard applications where line powering of remote
NT1s and repeaters is required
Example of use
Write X 2C0F for standard line interface and X 2C07 for al-
ternative line interface
TFB0
TFB0 e 1 (default state)
TFB0 e 0 forces transmit febe to 0 continuously for test
purposes TFB0 e 1 allows normal operation controlled by
LFS and RFS Note that this function was controlled by the
TFB bit in TXM56 register in Rev 2x devices The TFB bit in
TXM56 bit is now (Rev 3x) active for one superframe only
if set to 0 by software a superframe will transmit febe e 0
and then the TFB will be reset to 1 by the device The soft-
ware does not need to set it to 1
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com