Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 16Page - National Semiconductor (TI) TP3410 Datasheet HTML 17Page - National Semiconductor (TI) TP3410 Datasheet HTML 18Page - National Semiconductor (TI) TP3410 Datasheet HTML 19Page - National Semiconductor (TI) TP3410 Datasheet HTML 20Page - National Semiconductor (TI) TP3410 Datasheet HTML 21Page - National Semiconductor (TI) TP3410 Datasheet HTML 22Page - National Semiconductor (TI) TP3410 Datasheet HTML 23Page - National Semiconductor (TI) TP3410 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Functional Description (Continued)
Byte 2
765432
1
0
DR5
DR4
DR3
DR2
DR1
DR0
SR1
SR0
At Power-On Reset this register is initialized to X 08
Receive D Channel Time-Slot Assignment Select
DR5 – DR0 SR1 – SR0
DR5 – DR0 bits define the binary number of the 8-bit wide
time-slot where the time-slots are numbered from 0 to 63
Within this selected time-slot the SR1 and SR0 bits define
the binary number of the 2 D channel bits Sub-slots are
numbered 0 to 3 as shown in
Figure 12 and the following
table New time-slot and sub-slot assignments become ef-
fective only at the beginning of a frame
Sub-Slot
Bit Positions
SR1
SR0
within Time-Slot
0
0
1 2
0
1
3 4
1
0
5 6
1
1
7 8
910 Configuration Register OPR
Overhead Bit Processing
This register controls the enablingdisabling of conditions
which are sent to the Interrupt Stack (see 101) as a result
of new data in the RXM4 and RXM56 Overhead Bits Regis-
ters and the number of consecutive times a new bit or mes-
sage is received before being validated Flexibility is there-
fore provided to use hardware external firmware routines or
a combination of both for validation
Byte 2
76
5
4
3
2
1
0
CIE
EIE
FIE
OB1
OB0
OC1
OC0
0
At Power-On Reset this register is initialized to X 00
Near-End CRC Interrupt Enable CIE
CIE
0
No Interrupt if near-end crc error (Block Error
Counters still count)
1
RXM56 Status Register Interrupt is generated with
NEB e 0 each superframe in which the locally-
generated crc result does not match the crc in the
received superframe
Block Error Counter Interrupt Enable EIE
EIE
0
No Interrupt or Monitor channel message from
Block Error Counters
1
Block Error Counter Interrupts enabled
febe Bit Interrupt Enable FIE
FIE
0
No Interrupt if febee0 received (BEC1 still counts)
1
RXM56 Status Register Interrupt is generated with
RFB e 0 each superframe in which febee0is
received
Receive Overhead Bits Interrupt Enable 0B1 0B0
These bits determine how many consecutive superframes
must be received with the same new data in any of the
overhead bit positions M41 – M48 M51 M52 andor M61
before an Interrupt(s) is generated for the RXM4 andor
RXM56 Register as appropriate Note that validation check-
ing of the ‘‘act’’ and ‘‘dea’’ bits during activationdeactiva-
tion is not affected by OB1OB0
OB1
OB0
0
0
Interrupt every superframe (no checking)
0
1
Interrupt if any bit changed from previous
superframe
1
0
2 consecutive times for same new bit(s)
before Interrupt
1
1
3 consecutive times for same new bit(s)
before Interrupt
Receive Embedded Operations Channel Interrupt
Enable OC1 OC0
These bits determine how many consecutive half-super-
frames must be received with the same new address or data
in the Embedded Operations Channel before an Interrupt is
generated for the RX EOC Register
OC1
OC0
0
0
Interrupt every received eoc message (no
checking)
0
1
Interrupt every received eoc message
which differs from previous message
1
0
2 consecutive times for same new message
before Interrupt
1
1
3 consecutive times for same new message
before Interrupt
911 Transmit M4 Channel Register TXM4
(Write Only)
When the line is superframe synchronized the device trans-
mits the contents of this register to the line in the M4 over-
head bit field once per superframe
Byte 2
7
6
543210
ACT
M42
M43
M44
M45
M46
M47
M48
At Power-On Reset and each time the device is Deactivat-
ed (or an Activation attempt fails) this register is initialized
to X 7F
ACT Bit
The ACT bit in the TXM4 register does not normally control
the ‘‘act’’ bit in the M4 word transmitted to the line (see
Table I) That ‘‘act ’’ bit is generated automatically within the
device and can be controlled through the Activation Control
Register (see Table I and Section 110 ActivationDeactiva-
tion) In normal operation the ACT bit in the TXM4 register is
ignored
M42 – M48 Bits
As shown in the Frame Formats in Table I the functions of
these bits depend on the mode of the device They should
be programmed as appropriate prior to an Activation Re-
quest with the exception of the M42 bit in LT Mode This is
the dea bit which is automatically controlled by the device
in response to AR and DR commands the M42 bit in this
register is normally ignored in LT mode
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com