Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3410 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP3410
Description  TP3410 ISDN Basic Access Echo-Cancelling 2B1Q U Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP3410 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button TP3410 Datasheet HTML 12Page - National Semiconductor (TI) TP3410 Datasheet HTML 13Page - National Semiconductor (TI) TP3410 Datasheet HTML 14Page - National Semiconductor (TI) TP3410 Datasheet HTML 15Page - National Semiconductor (TI) TP3410 Datasheet HTML 16Page - National Semiconductor (TI) TP3410 Datasheet HTML 17Page - National Semiconductor (TI) TP3410 Datasheet HTML 18Page - National Semiconductor (TI) TP3410 Datasheet HTML 19Page - National Semiconductor (TI) TP3410 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Functional Description (Continued)
TABLE III Status Registers
Function
Byte 1 (Register Address)
Byte 2 (Data)
76543210
7
6
5
4
3
2
1
0
READABLE CONFIGURATION REGISTERS
Default (No Change
0
0000000
0
0
0
0
0
0
0
0
on a Write Cycle)
OPR Contents
0
0100001
CIE
EIE
FIE
OB1
OB0
OC1
OC0
0
CR1 Contents
0
0100011
FF1
FF0
CK2
CK1
CK0
DDM
CMS
BEX
CR2 Contents
0
0100101
SSS
NTS
DMO
DEN
DD
BP1
BP2
0
CR3 Contents
0
0100111
LB1
LB2
LBD
DB1
DB2
DBD
TLB
0
CR4 Contents
0
0101101
SH9
AACT
WS
333 Hz
saif
TFB0
RFS
LFS
TXB1 Contents
0
0110001
0
0
TS5
TS4
TS3
TS2
TS1
TS0
TXB2 Contents
0
0110011
0
0
TS5
TS4
TS3
TS2
TS1
TS0
RXB1 Contents
0
0110101
EB1
ED
TS5
TS4
TS3
TS2
TS1
TS0
RXB2 Contents
0
0110111
EB2
0
TS5
TS4
TS3
TS2
TS1
TS0
TXD Contents
0
0111001
DX5
DX4
DX3
DX2
DX1
DX0
SX1
SX0
RXD Contents
0
0111011
DR5
DR4
DR3
DR2
DR1
DR0
SR1
SR0
BEC1 (Note 2)
0
1000111
ec7
ec6
ec5
ec4
ec3
ec2
ec1
ec0
REGISTERS WHICH GENERATE A MICROWIRE INTERRUPT OR GCI MONITOR CHANNEL MESSAGE
(Note 4)
RXM4
0
1000000
M41
M42
M43
M44
M45
M46
M47
M48
RXM56 Spare Bits
0
1000010
0
ES2
ES1
M51
M61
M52
RFB
NEB
ACT Indication Reg
0
1000100
0
0
0
0
C4
C3
C2
C1
BEC1 (Note 2)
0
1000110
ec7
ec6
ec5
ec4
ec3
ec2
ec1
ec0
RX EOC Register
0
1
0
1
ea1
ea2
ea3
dm
ei1
ei2
ei3
ei4
ei5
ei6
ei7
ei8
(Note 3)
Note 1
Bit 7 of byte 1 is always the first bit clocked into the device
Note 2
BEC1 may be polled via the appropriate read command (see Table II) at any time to read the current error count
Note 3
In the Rx EOC Register
ea1 e the msb of the EOC destination address
ea2 e bit 2 of the EOC destination address
ea3 e the lsb of the EOC destination address
dm e the EOC datamessage mode indicator
Note 4
Changes in contents of these registers are queued on a stack which generates interrupts or messages in the following priority order
1 Register Readback request
2 ACT Indication Register (Microwire only)
3 RXM4 Register
4 RX EOC Register
5 RXM56 Spare Bits Register
6 BEC1 Register
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com