Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 56Page - STMicroelectronics STA321MPL1 Datasheet HTML 57Page - STMicroelectronics STA321MPL1 Datasheet HTML 58Page - STMicroelectronics STA321MPL1 Datasheet HTML 59Page - STMicroelectronics STA321MPL1 Datasheet HTML 60Page - STMicroelectronics STA321MPL1 Datasheet HTML 61Page - STMicroelectronics STA321MPL1 Datasheet HTML 62Page - STMicroelectronics STA321MPL1 Datasheet HTML 63Page - STMicroelectronics STA321MPL1 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
60/80
DocID029389 Rev 1
6.5
PDM and recombination IP
6.5.1
Mike recombination RAM BIST (0x5C)
6.5.2
Recombination control register 1 (0x5D)
D7
D6
D5
D4
D3
D2
D1
D0
MHFail
MHBad
MHEnd
MHAct
MNFail
MNBad
MNEnd
MNAct
00
000
00
0
Bit
RW
RST
Name
Description
7
RW
0
MHFail
‘1’: MHBist computation bit fail
6
RW
0
MHBad
‘1’: MHBist computation bad
5
RW
0
MHEnd
‘1’: MHBist computation finished
4
RW
0
MHAct
‘1’: MHBist computation start
3
RW
0
MNFail
‘1’: MNBist computation bit fail
2
RW
0
MNBad
‘1’: MNBist computation bad
1
RW
0
MNEnd
‘1’: MNBist computation finished
0
RW
0
MNAct
‘1’: MNBist computation start
D7
D6
D5
D4
D3
D2
D1
D0
Boost6db
mike_en
mike_byp
m_mode
00
000
00
0
Bit
RW
RST
Name
Description
7
RW
0
Boost6dB (1)
1. Microphone recombination only
'1': Output (after recombination) multiplied x2
'0': Output (after recombination) as it is
6RW
0
5RW
0
4RW
0
3RW
0
2
RW
0
mike_en
'1': Microphone recombination IP is active
‘0': Microphone recombination IP is not active
(acts like an HW Bypass)
1
RW
0
mike_byp
'1': Microphone recombination is bypassed
'0': Microphone recombination is used
0
RW
0
m_mode
'1': Auto-configuration of the CLKOUT generator
to Fout = sys_clk/32
'0': CLKOUT is configured only through COS bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com