Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 9Page - STMicroelectronics STA321MPL1 Datasheet HTML 10Page - STMicroelectronics STA321MPL1 Datasheet HTML 11Page - STMicroelectronics STA321MPL1 Datasheet HTML 12Page - STMicroelectronics STA321MPL1 Datasheet HTML 13Page - STMicroelectronics STA321MPL1 Datasheet HTML 14Page - STMicroelectronics STA321MPL1 Datasheet HTML 15Page - STMicroelectronics STA321MPL1 Datasheet HTML 16Page - STMicroelectronics STA321MPL1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
DocID029389 Rev 1
13/80
STA321MPL1
Microphone interface
80
3
Microphone interface
3.1
PDM clock generator (for microphones)
To correctly start the device in microphone processor mode, it is necessary to set registers
0x00 to 0x9B and register 0x5D to 0x01.
The CKOUT pin can be used to properly provide a clock source for digital microphones.
When the mikemode bit is asserted (reg 0x5D bit 0), the CKOUT generator is automatically
configured to generate a clock with sys_clk/32 frequency (corresponding to a PDM over-
sampling rate of 64).
For example, considering a base sample frequency of:
Fs = 44.1 kHz
XTI = 11.289 MHz (user provided)
System clock = 90.3168 MHz (system generated)
Clock out = 2.8224 MHz (system generated)
Fs = 48.0 kHz
XTI = 12.288 MHz (user provided)
System clock= 98.304 MHz (system generated)
Clock out = 3.072 MHz (system generated)
Technical details
The clock generator creates two output clocks with the same frequency, CKOUT270 has a
270 degrees phase shift with respect to CKOUT. One is exported outside the device and
used to clock the microphones, the other is used internally to clock the PDM interface of the
STA321MPL1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com