Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 20Page - STMicroelectronics STA321MPL1 Datasheet HTML 21Page - STMicroelectronics STA321MPL1 Datasheet HTML 22Page - STMicroelectronics STA321MPL1 Datasheet HTML 23Page - STMicroelectronics STA321MPL1 Datasheet HTML 24Page - STMicroelectronics STA321MPL1 Datasheet HTML 25Page - STMicroelectronics STA321MPL1 Datasheet HTML 26Page - STMicroelectronics STA321MPL1 Datasheet HTML 27Page - STMicroelectronics STA321MPL1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Registers
STA321MPL1
24/80
DocID029389 Rev 1
5.2
Register description
5.2.1
Configuration register A (0x00)
• The internal clock depends on the external clock frequency provided to the XTI pin. The
internal clock can be either 90.3168 MHz or 98.304 MHz. In the case of the XTI, it is
respectively 11.2896MHz or 12.288MHz.
• The relationship between the input clock XTI and the PDM interface clock is determined
by both the MCSn and the IRn (input rate) register bits. IR[1,0] = 11 sets the PDM
interface enable and MCS[2:0] = 011 means XTI = 4*PDM interface clock.
If XTI input is not used, the related pin must be tied to GND.
Interpolation ratio select
Setting the DSPB bit bypasses the biquad function of the FFX core.
D7
D6
D5
D4
D3
D2
D1
D0
COS1
COS0
DSPB
IR1
IR0
MCS2
MCS1
MCS0
10
011
01
1
Bit
RW
RST
Name
Description
0RW
1
MCS0
Master clock select: selects the ratio between the
input sampling frequency (PDM I/FCLK)and the
input clock (XTI).
1RW
1
MCS1
2RW
0
MCS2
Input sampling rate
fs (kHz)
IR
MCS[2:0]
1xx
011
010
001
000
XTI
11
2*PDM_CK
4*PDM_CK
6*PDM_CK
8*PDM_CK
12*PDM_CK
Bit
RW
RST
Name
Description
0
RW
0
DSPB
DSP bypass bit:
0: normal operation
1: bypass of biquad and bass/treble functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com