Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 24Page - STMicroelectronics STA321MPL1 Datasheet HTML 25Page - STMicroelectronics STA321MPL1 Datasheet HTML 26Page - STMicroelectronics STA321MPL1 Datasheet HTML 27Page - STMicroelectronics STA321MPL1 Datasheet HTML 28Page - STMicroelectronics STA321MPL1 Datasheet HTML 29Page - STMicroelectronics STA321MPL1 Datasheet HTML 30Page - STMicroelectronics STA321MPL1 Datasheet HTML 31Page - STMicroelectronics STA321MPL1 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
Registers
STA321MPL1
28/80
DocID029389 Rev 1
5.2.3
Configuration register D (0x03)
The FFX power output mode selects how the FFX output timing is configured. Different
power devices use different output modes.
D7
D6
D5
D4
D3
D2
D1
D0
MPC
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
11
111
11
0
Bit
RW
RST
Name
Description
0RW
0
OM0
FFX power output mode: selects configuration of
FFX output
1RW
1
OM1
Bit
RW
RST
Name
Description
2RW
1
CSZ0
Contra size register: when OM[1,0] = 11, this register
determines the size of the FFX compensating pulse
from 0 clock ticks to 31 clock periods
3RW
1
CSZ1
4RW
1
CSZ2
5RW
1
CSZ3
6RW
1
CSZ4
CSZ[4:0]
Compensating pulse size
00000
0 clock period compensating pulse size
00001
1 clock period compensating pulse size
……
11111
31 clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com