Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 10Page - STMicroelectronics STA321MPL1 Datasheet HTML 11Page - STMicroelectronics STA321MPL1 Datasheet HTML 12Page - STMicroelectronics STA321MPL1 Datasheet HTML 13Page - STMicroelectronics STA321MPL1 Datasheet HTML 14Page - STMicroelectronics STA321MPL1 Datasheet HTML 15Page - STMicroelectronics STA321MPL1 Datasheet HTML 16Page - STMicroelectronics STA321MPL1 Datasheet HTML 17Page - STMicroelectronics STA321MPL1 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
Microphone interface
STA321MPL1
14/80
DocID029389 Rev 1
Figure 4. PDM clock generator
3.2
PDM resampling interface
The PDM resampling interface is used to properly sample external data.
It can work in three different modes: compatibility mode, dual-membrane mode and
advanced mode. In each mode, data are sampled at the rising or falling edge.
Table 8. Modes for PDM resampling interface
Compatibility mode
In this mode every channel is sampled at the rising edge.
Dual-membrane mode
The dual-membrane mode is a particular configuration (automatically applied when the
proper bit is asserted) which permits the use of the dual-membrane microphone. In
particular, it has 2 PDM data channels (normal and high) muxed in a single wire. The normal
channel is sampled at the falling edge, while the high channel is sampled at the rising edge.
Advanced mode
In this mode every channel can be sampled at the rising or falling edge according to the
configuration register.
Mode
Behavior
00
Compatibility (old)
01
Reserved
10
Dual-membrane
11
Advanced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com