Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 68Page - STMicroelectronics STA321MPL1 Datasheet HTML 69Page - STMicroelectronics STA321MPL1 Datasheet HTML 70Page - STMicroelectronics STA321MPL1 Datasheet HTML 71Page - STMicroelectronics STA321MPL1 Datasheet HTML 72Page - STMicroelectronics STA321MPL1 Datasheet HTML 73Page - STMicroelectronics STA321MPL1 Datasheet HTML 74Page - STMicroelectronics STA321MPL1 Datasheet HTML 75Page - STMicroelectronics STA321MPL1 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
72/80
DocID029389 Rev 1
Clock manager status register (0x76)
6.5.11
RMS level registers (0x7A, 0x7B, 0x7C, 0x7D)
Two sets of registers are available to monitor the RMS level detected by the zero-mute
block after signal processing.
The measured level for a selected channel is given in 0x7A and 0x7B (zero-mute level) and
0x7C and 0x7D (PWM out level) according to the following expression:
Value(dB) = 20Log(rms[15:0]/(216 x 0.635))
Where rms[15:0] is an unsigned integer formed by:
rms[15:0] = rmsZMH[7:0], rmsZML[7:0] for zero-mute level
or
rms[15:0] = rmsPOH[7:0], rmsPOL[7:0] for PWM output level
D7
D6
D5
D4
D3
D2
D1
D0
PLLBYS
PLLPDS
OSCOK
LOWCKS
00
00
Bit
RW
RST
Name
Description
3
R
0
PLLBYS
PLL bypass status
‘0’: normal
‘1’: bypassed
2R
0
PLLPDS
PLL power-down status
‘0’: normal
‘1’: standby
1R
0
OSCOK
Oscillator clock OK
‘0’: not ready
‘1’: ready
0R
0
LOWCKS
Low clock status
‘0’: normal
‘1’: input clock too slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com