Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 14Page - STMicroelectronics STA321MPL1 Datasheet HTML 15Page - STMicroelectronics STA321MPL1 Datasheet HTML 16Page - STMicroelectronics STA321MPL1 Datasheet HTML 17Page - STMicroelectronics STA321MPL1 Datasheet HTML 18Page - STMicroelectronics STA321MPL1 Datasheet HTML 19Page - STMicroelectronics STA321MPL1 Datasheet HTML 20Page - STMicroelectronics STA321MPL1 Datasheet HTML 21Page - STMicroelectronics STA321MPL1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
I2C bus operation
STA321MPL1
18/80
DocID029389 Rev 1
The 8th bit (LSB) identifies a read or write operation RW. This bit is set to 1 in read mode
and 0 for write mode. After a START condition, the STA321MPL1 identifies the device
address on the bus and if a match is found, it acknowledges the identification on the SDA
bus during the 9th-bit time. The byte following the device identification byte is the internal
space address.
4.3
Write operation
Following a START condition, the master sends a device select code with the RW bit set
to 0. The STA321MPL1 acknowledges this and the writes for the byte of the internal
address.
After receiving the internal byte address, the STA321MPL1 responds again with an
acknowledgement.
4.3.1
Byte write
In byte write mode, the master sends one data byte, this is acknowledged by the Omega
FFX core. The master then terminates the transfer by generating a STOP condition.
4.3.2
Multi-byte write
The multi-byte write modes can start from any internal address. The master generating a
STOP condition terminates the transfer.
Figure 6. Write mode sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com