Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 36Page - STMicroelectronics STA321MPL1 Datasheet HTML 37Page - STMicroelectronics STA321MPL1 Datasheet HTML 38Page - STMicroelectronics STA321MPL1 Datasheet HTML 39Page - STMicroelectronics STA321MPL1 Datasheet HTML 40Page - STMicroelectronics STA321MPL1 Datasheet HTML 41Page - STMicroelectronics STA321MPL1 Datasheet HTML 42Page - STMicroelectronics STA321MPL1 Datasheet HTML 43Page - STMicroelectronics STA321MPL1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
Registers
STA321MPL1
40/80
DocID029389 Rev 1
5.2.36
EGEQ - graphic EQ 8-kHz band (0x27)
5.2.37
Biquad internal channel loop-through (0x28)
Each internal processing channel can receive two possible inputs at the input to the biquad
block. The input can come either from the output of that channel’s MIX#1 engine or from the
output of the bass/treble (biquad #10) of the previous channel. In this scenario, channel 1
receives channel 8. This enables the use of more than 10 biquads on any given channel at
the loss of the number of separate internal processing channels.
D7
D6
D5
D4
D3
D2
D1
D0
EGEQ4
EGEQ3
EGEQ2
EGEQ1
EGEQ0
01
11
1
xGEQ[4:0]
Boost / cut
11111
16
11110
15
11101
14
……
10000
1
01111
0
01110
-1
……
00001
-14
00000
-15
D7
D6
D5
D4
D3
D2
D1
D0
C8BLP
C7BLP
C6BLP
C5BLP
C4BLP
C3BLP
C2BLP
C1BLP
00
000
00
0
Bit
RW
RST
Name
Description
7:0
RW
0
CnBLP
For n = 1 to 8:
0: input from channel n MIX#1 engine output - normal
operation
1: input from channel (n - 1) biquad #10 output - loop
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com