Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 63Page - STMicroelectronics STA321MPL1 Datasheet HTML 64Page - STMicroelectronics STA321MPL1 Datasheet HTML 65Page - STMicroelectronics STA321MPL1 Datasheet HTML 66Page - STMicroelectronics STA321MPL1 Datasheet HTML 67Page - STMicroelectronics STA321MPL1 Datasheet HTML 68Page - STMicroelectronics STA321MPL1 Datasheet HTML 69Page - STMicroelectronics STA321MPL1 Datasheet HTML 70Page - STMicroelectronics STA321MPL1 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
DocID029389 Rev 1
67/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
6.5.8
Zero-mute threshold/hysteresis and RMS zero-mute selectors (0x6F)
Zero-mute (0x6F)
The STA321MPL1 implements an RMS-based zero-detect function (on serial input interface
data) which is able to detect in a very reliable way the presence of an input signal, so that
the power bridge outputs can be automatically connected to ground. When active, the
function mutes the output PWM when the input level becomes less than the threshold
- hysteresis.
Once muted, the PWM “unmutes” when the input level is detected as greater than the
threshold + hysteresis.
The measured level is then reported (each input channel is selected by the RMSZS[2:0]
value) on registers 0x7A and 0x7B.
Table 15. RMS channel select
D7
D6
D5
D4
D3
D2
D1
D0
RMSZS2
RMSZS1
RMSZS0
ZMTHS2
ZMTHS1
ZMTHS0
ZMHYS1
ZMHYS0
00
000
00
0
Bit
RW
RST
Name
Description
7
RW
0
RMSZS2
Select channel for reading the zero-mute RMS
level on registers rmsZMH (0x7A) and rmsZML
(0x7B).
6
RW
0
RMSZS1
5
RW
0
RMSZS0
4RW
0
ZMTHS2
Select the zero-mute threshold level. If signal is
below this level, output will be in switch off mode.
3RW
0
ZMTHS1
2RW
0
ZMTHS1
1
RW
0
ZMHYS1
Select the hysteresis window width.
0
RW
0
ZMHYS0
RMSZS[2:0]
Channel
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com