Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 1 Page - STMicroelectronics

  STA321MPL1 Datasheet HTML 1Page - STMicroelectronics STA321MPL1 Datasheet HTML 2Page - STMicroelectronics STA321MPL1 Datasheet HTML 3Page - STMicroelectronics STA321MPL1 Datasheet HTML 4Page - STMicroelectronics STA321MPL1 Datasheet HTML 5Page - STMicroelectronics STA321MPL1 Datasheet HTML 6Page - STMicroelectronics STA321MPL1 Datasheet HTML 7Page - STMicroelectronics STA321MPL1 Datasheet HTML 8Page - STMicroelectronics STA321MPL1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
This is information on a product in full production.
June 2016
DocID029389 Rev 1
1/80
STA321MPL1
Scalable digital microphone processor
Datasheet
- production data
Features
• 8 digital processing channels each 24-bits
– 6 channels of PDM input
– 2 additional virtual channels
• >100 dB SNR and dynamic range
• Digital gain/attenuation 58 dB to -100 dB in
0.5 dB steps
• Soft volume update
• Individual channel and master level control
• Up to 10 independent 32-bit user-
programmable biquads (EQ) per channel
• Bass/treble tone control
• Pre- and post-EQ full 8-channel input mix on all
8 channels
• Dual independent limiters/compressors
• Dynamic range compression or anti-clipping
modes
• Individual channel and master soft/hard mute
• 3 I²S data outputs
• I²S data output channel mapping function
• Independent channel volume and DSP bypass
• Channel mapping of any input to any
processing channel
Applications
• Tablets
• Gaming
• Audio conference sets
• Legacy microphone-equipped devices
Description
The STA321MPL1 is a PDM, high-performance,
multichannel processor with ultra-low quiescent
current. It is designed for general-purpose digital
microphone applications. The device is fully
digital and is comprised of three main sections.
The first section is the PDM input interface which
can accept up to six serial digital inputs. The
second section is a high-quality audio processor
allowing flexible channel mixing/muxing and
provides up to 10 biquads for general sound
equalization and voice enhancement with
independent volume control. The last block is the
I²S output interface which streams out the
processed digital audio. The output interface can
also be programmed for flexible channel
mapping. The device offers some of the most
commonly required audio enhancements such as
programmable voice tuning and equalization,
limiter/compressor for improved voice quality,
multiband selection for customizable microphone
usage, and configurable wind-noise rejection. The
embedded digital processor allows the
microphone processing to be offloaded from the
main CPU or SoC to the device.
The STA321MPL1 has six digital microphone
inputs, providing connections for up to three dual-
membrane microphones.
Table 1. Device summary
Order code
Package
Packaging
STA321MPL1TR
TQFP64
Tape and reel
www.st.com


Similar Part No. - STA321MPL1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321MPL STMICROELECTRONICS-STA321MPL Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
More results

Similar Description - STA321MPL1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321MP STMICROELECTRONICS-STA321MP Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
logo
Wolfson Microelectronic...
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
logo
Knowles Electronics
SPK0833LM4H-B KNOWLES-SPK0833LM4H-B Datasheet
789Kb / 13P
Digital Zero-Height SiSonicTM Microphone
SPM0423HD4H-WB KNOWLES-SPM0423HD4H-WB Datasheet
884Kb / 13P
Digital SiSonicTM Microphone
SPM0423HM4H-WB KNOWLES-SPM0423HM4H-WB Datasheet
949Kb / 13P
Digital SiSonicTM Microphone
SPM0437HD4H-B KNOWLES-SPM0437HD4H-B Datasheet
909Kb / 13P
Digital SiSonicTM Microphone
SPM1437HM4H-B KNOWLES-SPM1437HM4H-B Datasheet
981Kb / 13P
Digital SiSonicTM Microphone
SPH0645LM4H-B KNOWLES-SPH0645LM4H-B Datasheet
1Mb / 12P
I2S Output Digital Microphone
logo
DFI Inc
PR810-C622 DFI-PR810-C622 Datasheet
755Kb / 2P
1st/2nd Gen Intel Xeon Scalable Processor Family EATX
logo
Microsemi Corporation
ZL38063 MICROSEMI-ZL38063 Datasheet
1Mb / 63P
Microphone Array ASR-assist Audio Processor
Revision 4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com