Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 34Page - STMicroelectronics STA321MPL1 Datasheet HTML 35Page - STMicroelectronics STA321MPL1 Datasheet HTML 36Page - STMicroelectronics STA321MPL1 Datasheet HTML 37Page - STMicroelectronics STA321MPL1 Datasheet HTML 38Page - STMicroelectronics STA321MPL1 Datasheet HTML 39Page - STMicroelectronics STA321MPL1 Datasheet HTML 40Page - STMicroelectronics STA321MPL1 Datasheet HTML 41Page - STMicroelectronics STA321MPL1 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
Registers
STA321MPL1
38/80
DocID029389 Rev 1
5.2.28
Channel input mapping channels 1 and 2 (0x1B)
5.2.29
Channel input mapping channels 3 and 4 (0x1C)
5.2.30
Channel input mapping channels 5 and 6 (0x1D)
5.2.31
Channel input mapping channels 7 and 8 (0x1E)
Each channel received via the I²S can be mapped to any internal processing channel via the
channel input mapping registers. This allows for flexibility in processing, simplifies output
stage designs, and enables the ability to perform crossovers. The default settings of these
registers map each I²S input channel to its corresponding processing channel.
CnVT[4:0]
Volume
0x00 to 0x06
10 dB
0x07
9 dB
……
0x0F
1 dB
0x10
0 dB
0x11
-1 dB
……
0x19
-9 dB
0x1A to 0x1F
-10 dB
D7
D6
D5
D4
D3
D2
D1
D0
C2IM2
C2IM1
C2IM0
C1IM2
C1IM1
C1IM0
00
1
0
00
D7
D6
D5
D4
D3
D2
D1
D0
C4IM2
C4IM1
C4IM0
C3IM2
C3IM1
C3IM0
01
1
0
10
D7
D6
D5
D4
D3
D2
D1
D0
C6IM2
C6IM1
C6IM0
C5IM2
C5IM1
C5IM0
10
1
1
00
D7
D6
D5
D4
D3
D2
D1
D0
C8IM2
C8M1
C8IM0
C7IM2
C7IM1
C7IM0
11
1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com