Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321MPL1 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 11Page - STMicroelectronics STA321MPL1 Datasheet HTML 12Page - STMicroelectronics STA321MPL1 Datasheet HTML 13Page - STMicroelectronics STA321MPL1 Datasheet HTML 14Page - STMicroelectronics STA321MPL1 Datasheet HTML 15Page - STMicroelectronics STA321MPL1 Datasheet HTML 16Page - STMicroelectronics STA321MPL1 Datasheet HTML 17Page - STMicroelectronics STA321MPL1 Datasheet HTML 18Page - STMicroelectronics STA321MPL1 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DocID029389 Rev 1
15/80
STA321MPL1
Microphone interface
80
3.3
PDM recombination (dual-membrane microphone support)
Dual microphone scenario:
A dual-membrane microphone has two separate PDM signal paths:
Normal channel for moderate SPL (sound pressure level) acoustic signals
High channel for high SPL acoustic signals
The sensitivity of the high channel is configurable and is set by default to 20 dBSPL lower
than the sensitivity of the normal channel to avoid saturation in any part of the signal path.
The two channels can be combined together to enlarge the dynamic range and have a good
trade-off between the DNR and the noise floor (which is lower in the case of the normal
channel).
The main functionality is based on a signal level measurement and a dual-threshold system.
If the signal of the normal channel is:
above the upper threshold (TH_H), the output is taken from the high channel
under the lower threshold (TH_N), the output is taken from the normal channel
between TH_H and TH_N, the output is a combination of the high and normal
channels.
Figure 5. PDM recombination block diagram
3.4
Low-pass filter
A filter is provided (and needed) to suppress the noise outside the audio band that may be
still present before the recombination stage.
The filter is a 2nd order IIR (infinite impulse response) low-pass with a cutoff frequency of
20 kHz. It can be bypassed through the I2C bit.
Configuration registers: 0x62(6), 0x63(6), 0x64(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com